Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 10Page - Dialog Semiconductor SLG46721 Datasheet HTML 11Page - Dialog Semiconductor SLG46721 Datasheet HTML 12Page - Dialog Semiconductor SLG46721 Datasheet HTML 13Page - Dialog Semiconductor SLG46721 Datasheet HTML 14Page - Dialog Semiconductor SLG46721 Datasheet HTML 15Page - Dialog Semiconductor SLG46721 Datasheet HTML 16Page - Dialog Semiconductor SLG46721 Datasheet HTML 17Page - Dialog Semiconductor SLG46721 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 101 page
background image
000-0046721-114
Page 13 of 100
SLG46721
5.9 Typical Pulse Width Performance
time2
Delay, 3 cell
mode: both edge delay, delayed edge detect
output
1600
680
480
ns
time2
Delay, 4 cell
mode: both edge delay, delayed edge detect
output
1900
815
600
ns
Table 5. Typical Pulse Width Performance.
Parameter
VDD = 1.8 V VDD = 3.3V VDD = 5.0V
Unit
Filtered Pulse Width
< 150
< 55
< 35
ns
Table 4. Expected Delays and Widths for Programmable Delay (typical).
Symbol
Parameter
Note
VDD = 1.8 V VDD = 3.3V VDD = 5.0V
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com