Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 82 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 82 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 78Page - Dialog Semiconductor SLG46721 Datasheet HTML 79Page - Dialog Semiconductor SLG46721 Datasheet HTML 80Page - Dialog Semiconductor SLG46721 Datasheet HTML 81Page - Dialog Semiconductor SLG46721 Datasheet HTML 82Page - Dialog Semiconductor SLG46721 Datasheet HTML 83Page - Dialog Semiconductor SLG46721 Datasheet HTML 84Page - Dialog Semiconductor SLG46721 Datasheet HTML 85Page - Dialog Semiconductor SLG46721 Datasheet HTML 86Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 101 page
background image
000-0046721-114
Page 81 of 100
SLG46721
reg<233:228>
Matrix Out: In0 of LUT3_1
reg<239:234>
Matrix Out: In1 of LUT3_1
reg<245:240>
Matrix Out: In2 of LUT3_1
reg<251:246>
Matrix Out: In0 of LUT3_2 or Clock Input of DFF2
reg<257:252>
Matrix Out: In1 of LUT3_2 or Data Input of DFF2
reg<263:258>
Matrix Out: In2 of LUT3_2 or Resetb Input of DFF2
reg<269:264>
Matrix Out: In0 of LUT3_3 or Clock Input of DFF3
reg<275:270>
Matrix Out: In1 of LUT3_3 or Data Input of DFF3
reg<281:276>
Matrix Out: In2 of LUT3_3 or Resetb (Setb) of DFF3
reg<287:282>
Matrix Out: In0 of LUT3_4
reg<293:288>
Matrix Out: In1 of LUT3_4
reg<299:294>
Matrix Out: In2 of LUT3_4
reg<305:300>
Matrix Out: In0 of LUT3_5
reg<311:306>
Matrix Out: In1 of LUT3_5
reg<317:312>
Matrix Out: In2 of LUT3_5
reg<323:318>
Matrix Out: In0 of LUT3_6
reg<329:324>
Matrix Out: In1 of LUT3_6
reg<335:330>
Matrix Out: In2 of LUT3_6
reg<341:336>
Matrix Out: In0 of LUT3_7
reg<347:342>
Matrix Out: In1 of LUT3_7
reg<353:348>
Matrix Out: In2 of LUT3_7
reg<359:354>
Matrix Out: In0 of LUT3_8 or Input of Pipe delay
reg<365:360>
Matrix Out: In1 of LUT3_8 or Resetb of Pipe delay
reg<371:366>
Matrix Out: In2 of LUT3_8 or Clock of Pipe delay
reg<377:372>
Matrix Out: In0 of LUT2_0 or Clock Input of DFF4
reg<383:378>
Matrix Out: In1 of LUT2_0 or Data Input of DFF4
reg<389:384>
Matrix Out: In0 of LUT2_1 or Clock Input of DFF5
reg<395:390>
Matrix Out: In1 of LUT2_1 or Data Input of DFF5
reg<401:396>
Matrix Out: In0 of LUT2_2 or Clock Input of DFF6
reg<407:402>
Matrix Out: In1 of LUT2_2 or Data Input of DFF6
reg<413:408>
Matrix Out: In0 of LUT2_3 or Clock Input of DFF7
reg<419:414>
Matrix Out: In1 of LUT2_3 or Data Input of DFF7
reg<425:420>
Matrix Out: In0 of LUT2_4
reg<431:426>
Matrix Out: In1 of LUT2_4
reg<437:432>
Matrix Out: In0 of LUT2_5
reg<443:438>
Matrix Out: In1 of LUT2_5
reg<449:444>
Matrix Out: Input for programmable delay & edge detec-
tor
reg<455:450>
Matrix Out: Power down for osc
reg<461:456>
Matrix Out: Pin12 Digital Output Source (Super Drive)
reg<467:462>
Matrix Out: Pin13 Digital Output Source
reg<473:468>
Matrix Out: Pin13 Output Enable
reg<479:474>
Matrix Out: Pin14 Digital Output Source
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com