Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 77 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 77 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 73Page - Dialog Semiconductor SLG46721 Datasheet HTML 74Page - Dialog Semiconductor SLG46721 Datasheet HTML 75Page - Dialog Semiconductor SLG46721 Datasheet HTML 76Page - Dialog Semiconductor SLG46721 Datasheet HTML 77Page - Dialog Semiconductor SLG46721 Datasheet HTML 78Page - Dialog Semiconductor SLG46721 Datasheet HTML 79Page - Dialog Semiconductor SLG46721 Datasheet HTML 80Page - Dialog Semiconductor SLG46721 Datasheet HTML 81Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 101 page
background image
000-0046721-114
Page 76 of 100
SLG46721
17.3 VREF Block Diagram
Figure 39. Voltage Reference Block Diagram
CMP0_VREF
CMP1_VREF
CMP2_VREF
CMP3_VREF
reg <799:795>
reg <810:806>
reg <822:818>
reg <556:552>
VDD / 3
VDD / 4
ext_vref_acmp2
(Pin14)
ext_vref_acmp1
(Pin12)
ext_vref_acmp0
(Pin7)
reg <981>
000
001
100
101
110
000
001
100
101
110
reg <998>
VDD / 2
VDD / 3
VDD / 4
reg <994:992>
reg <997:995>
1
0
OP
reg <982>
Vref Out_1 (Pin19)
Pin19_aio_en
1
0
OP
reg <983>
Vref Out_2 (Pin18)
Pin18_aio_en
External VDD
2.7 V - 5.5 V
Vref Out_1 is floating in case of reg<994:992>=111 & reg<982>=0
Vref Out_2 is floating in case of reg<997:995>=111 & reg<983>=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com