Electronic Components Datasheet Search
  English  ▼

X  

SLG46721 Datasheet(PDF) 57 Page - Dialog Semiconductor

Part # SLG46721
Description  Logic & Mixed Signal Circuits
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46721 Datasheet(HTML) 57 Page - Dialog Semiconductor

Back Button SLG46721 Datasheet HTML 53Page - Dialog Semiconductor SLG46721 Datasheet HTML 54Page - Dialog Semiconductor SLG46721 Datasheet HTML 55Page - Dialog Semiconductor SLG46721 Datasheet HTML 56Page - Dialog Semiconductor SLG46721 Datasheet HTML 57Page - Dialog Semiconductor SLG46721 Datasheet HTML 58Page - Dialog Semiconductor SLG46721 Datasheet HTML 59Page - Dialog Semiconductor SLG46721 Datasheet HTML 60Page - Dialog Semiconductor SLG46721 Datasheet HTML 61Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 101 page
background image
000-0046721-114
Page 56 of 100
SLG46721
11.3 ACMP1 Block Diagram
Figure 21. ACMP1 Block Diagram
11011
11010
11001-
00000
Internal
Vref
PIN12: ACMP1(-)
PIN12: ACMP1(-)
110
100
0X1
PIN10: ACMP1(+)
From ACMP0’s MUX output
External VDD
2.7 V ~ 5.5 V
Selectable
Gain
reg <814:813>
Vref
+
-
From Connection
Matrix Output <13>
pdb
LBW
Selection
ibias
reg <816>
Hysteresis
Selection
reg <812:811>
L/S
ON after
100
s Delay
To Connection
Matrix Input <11>
reg <810:806>
*PIN10_aio_en; reg <570>; reg <817>
*PIN10_aio_en:
if reg <883:882>=’11’ then 1, otherwise: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com