Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 149 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 149 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 145Page - Texas Instruments PCI7510 Datasheet HTML 146Page - Texas Instruments PCI7510 Datasheet HTML 147Page - Texas Instruments PCI7510 Datasheet HTML 148Page - Texas Instruments PCI7510 Datasheet HTML 149Page - Texas Instruments PCI7510 Datasheet HTML 150Page - Texas Instruments PCI7510 Datasheet HTML 151Page - Texas Instruments PCI7510 Datasheet HTML 152Page - Texas Instruments PCI7510 Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 234 page
background image
7–8
7.10 CardBus CIS Base Address Register
The internal CARDBUS input to the TSB43AB22 core is tied high such that this register returns 0s when read. See
Table 7–9 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
CardBus CIS base address
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
CardBus CIS base address
Type
RW
RW
RW
RW
RW
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
CardBus CIS base address
Offset:
18h
Type:
Read/Write, Read-only
Default:
0000 0000h
Table 7–9. CardBus CIS Base Address Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–11
CIS_BASE
RW
CIS base address. This field specifies the upper 21 bits of the 32-bit CIS base address. If CARDBUS
is sampled high on a GRST, then this field is read-only, returning 0s when read.
10–4
CIS_SZ
R
CIS address space size. This field returns 0s when read, indicating that the CIS space requires a
2K-byte region of memory.
3
CIS_PF
R
CIS prefetch. Bit 3 returns 0 when read, indicating that the CIS is nonprefetchable. Furthermore, the
CIS is a byte-accessible address space, and either a doubleword or 16-bit word access yields
indeterminate results.
2–1
CIS_MEMTYPE
R
CIS memory type. This field returns 0s when read, indicating that the CardBus CIS base address
register is 32 bits wide and mapping can be done anywhere in the 32-bit memory space.
0
CIS_MEM
R
CIS memory indicator. Bit 0 returns 0 when read, indicating that the CIS is mapped into system
memory space.
7.11 CardBus CIS Pointer Register
The internal CARDBUS input to the TSB43AB22 core is tied high such that this register returns 0s when read.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
CardBus CIS pointer
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
CardBus CIS pointer
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
CardBus CIS pointer
Offset:
28h
Type:
Read-only
Default:
0000 0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com