Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 156 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 156 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 152Page - Texas Instruments PCI7510 Datasheet HTML 153Page - Texas Instruments PCI7510 Datasheet HTML 154Page - Texas Instruments PCI7510 Datasheet HTML 155Page - Texas Instruments PCI7510 Datasheet HTML 156Page - Texas Instruments PCI7510 Datasheet HTML 157Page - Texas Instruments PCI7510 Datasheet HTML 158Page - Texas Instruments PCI7510 Datasheet HTML 159Page - Texas Instruments PCI7510 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 234 page
background image
7–15
7.22 PCI PHY Control Register
The PCI PHY control register provides a method for enabling the PHY CNA output. See Table 7–19 for a complete
description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
PCI PHY control
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
PCI PHY control
Type
R
R
R
R
R
R
R
R
RW
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
Register:
PCI PHY control
Offset:
ECh
Type:
Read/Write, Read-only
Default:
0000 0008h
Table 7–19. PCI PHY Control Register
BIT
FIELD NAME
TYPE
DESCRIPTION
31–8
RSVD
R
Reserved. Bits 31–8 return 0s when read.
7 ‡
CNAOUT
RW
When bit 7 is set to 1, the PHY CNA output is routed to terminal 96. When implementing a serial
EEPROM, this bit can be set by programming bit 7 of offset 16h in the EEPROM to 1. See
Table 3–11, EEPROM Loading Map.
6–5
4 ‡
RSVD
R
Reserved. Bits 6–4 return 0s when read. These bits are affected when implementing a serial
EEPROM; thus, bits 6–4 at EEPROM byte offset 16h must be programmed to 0. See Table 3–11,
EEPROM Loading Map.
3 ‡
RSVD
R
Reserved. Bit 3 defaults to 1 to indicate compliance with IEEE Std 1394a-2000. If a serial
EEPROM is implemented, then bit 3 at EEPROM byte offset 16h must be set to 1. See Table 3–11,
EEPROM Loading Map.
2–0
RSVD
R
Reserved. Bits 2–0 return 0s when read. These bits are affected when implementing a serial
EEPROM; thus, bits 2–0 at EEPROM byte offset 16h must be programmed to 0. See Table 3–11,
EEPROM Loading Map.
‡ One or more bits in this register are cleared only by the assertion of GRST.
7.23 PCI Miscellaneous Configuration Register
The PCI miscellaneous configuration register provides miscellaneous PCI-related configuration. See Table 7–20 for
a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
PCI miscellaneous configuration
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
PCI miscellaneous configuration
Type
RW
R
RW
R
RW
RW
RW
RW
R
R
R
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
PCI miscellaneous configuration
Offset:
F0h
Type:
Read/Write, Read-only
Default:
0000 0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com