Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 157 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 157 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 153Page - Texas Instruments PCI7510 Datasheet HTML 154Page - Texas Instruments PCI7510 Datasheet HTML 155Page - Texas Instruments PCI7510 Datasheet HTML 156Page - Texas Instruments PCI7510 Datasheet HTML 157Page - Texas Instruments PCI7510 Datasheet HTML 158Page - Texas Instruments PCI7510 Datasheet HTML 159Page - Texas Instruments PCI7510 Datasheet HTML 160Page - Texas Instruments PCI7510 Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 234 page
background image
7–16
Table 7–20. PCI Miscellaneous Configuration Register
BIT
FIELD NAME
TYPE
DESCRIPTION
31–16
RSVD
R
Reserved. Bits 31–16 return 0s when read.
15 ‡
PME_D3COLD
RW
PME support from D3cold. This bit programs bit 15 (PME_D3COLD) in the power management
capabilities register at offset 46h in the PCI configuration space (see Section 7.19).
14–12
RSVD
R
Reserved. Bits 14–12 return 0s when read.
11 ‡
PCI2_3_EN
RW
PCI 2.3 Enable. When this bit is set to 1, the 1394 OHCI function conforms to the PCI 2.3
specification. When in the PCI 2.3 mode, the INT_DISABLE and INT_STATUS bits per the PCI 2.3
specification are functional. When this bit is cleared, the function conforms to the PCI 2.2
specification and all PCI 2.3 bits are disabled.
0 = PCI 2.2 mode (default)
1 = PCI 2.3 mode
10 ‡
ignore_mstrIntEna
_for_pme
RW
Ignore IntMask.msterIntEnable bit for PME generation. When set, this bit causes the PME generation
behavior to be changed as described in Section 3.9. When set, this bit also causes bit 26 of the OHCI
vendor ID register at OHCI offset 40h (see Section 8.15) to read 1, otherwise, bit 26 reads 0.
0 = PME behavior generated from unmasked interrupt bits and IntMask.masterIntEnable bit
(default)
1 = PME generation does not depend on the value of IntMask.masterIntEnable
9–8 ‡
MR_ENHANCE
RW
This field selects the read command behavior of the PCI master for read transactions of greater than
two data phases. For read transactions of one or two data phases, a memory read command is used.
The default of this field is 00. This register is loaded by the serial EEPROM word 12, bits 1–0.
00 = Memory read line (default)
01 = Memory read
10 = Memory read multiple
11 = Reserved, behavior reverts to default
7–6
RSVD
R
Reserved. Bits 7–6 return 0s when read.
5 ‡
RSVD
R
Reserved. Bit 5 returns 0 when read.
4 ‡
DIS_TGT_ABT
RW
Bit 4 defaults to 0, which provides OHCI-Lynx
 compatible target abort signaling. When this bit is
set to 1, it enables the no-target-abort mode, in which the PCI7510 device returns indeterminate data
instead of signaling target abort.
The PCI7510 LLC is divided into the PCLK and SCLK domains. If software tries to access registers
in the link that are not active because the SCLK is disabled, then a target abort is issued by the link.
On some systems, this can cause a problem resulting in a fatal system error. Enabling this bit allows
the link to respond to these types of requests by returning FFh.
It is recommended that this bit be set to 1.
3 ‡
GP2IIC
RW
When bit 3 is set to 1, the GPIO3 and GPIO2 signals are internally routed to the SCL and SDA,
respectively. The GPIO3 and GPIO2 terminals are also placed in the high-impedance state.
2 ‡
DISABLE_
SCLKGATE
RW
When bit 2 is set to 1, the internal SCLK runs identically with the chip input. This is a test feature only
and must be cleared to 0 (all applications).
1 ‡
DISABLE_
PCIGATE
RW
When bit 1 is set to 1, the internal PCI clock runs identically with the chip input. This is a test feature
only and must be cleared to 0 (all applications).
0 ‡
KEEP_PCLK
RW
When bit 0 is set to 1, the PCI clock is always kept running through the CLKRUN protocol. When this
bit is cleared, the PCI clock can be stopped using CLKRUN on MFUNC6.
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com