Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 163 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 163 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 159Page - Texas Instruments PCI7510 Datasheet HTML 160Page - Texas Instruments PCI7510 Datasheet HTML 161Page - Texas Instruments PCI7510 Datasheet HTML 162Page - Texas Instruments PCI7510 Datasheet HTML 163Page - Texas Instruments PCI7510 Datasheet HTML 164Page - Texas Instruments PCI7510 Datasheet HTML 165Page - Texas Instruments PCI7510 Datasheet HTML 166Page - Texas Instruments PCI7510 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 234 page
background image
8–4
8.1
OHCI Version Register
The OHCI version register indicates the OHCI version support and whether or not the serial EEPROM is present. See
Table 8–2 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
OHCI version
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
X
0
0
0
0
0
0
0
1
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
OHCI version
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
Register:
OHCI version
Offset:
00h
Type:
Read-only
Default:
0X01 0010h
Table 8–2. OHCI Version Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–25
RSVD
R
Reserved. Bits 31–25 return 0s when read.
24
GUID_ROM
R
The PCI7510 device sets bit 24 to 1 if the serial EEPROM is detected. If the serial EEPROM is present,
then the Bus_Info_Block is automatically loaded on system (hardware) reset.
23–16
version
R
Major version of the OHCI. The PCI7510 device is compliant with the 1394 Open Host Controller
Interface Specification (Release 1.1); thus, this field reads 01h.
15–8
RSVD
R
Reserved. Bits 15–8 return 0s when read.
7–0
revision
R
Minor version of the OHCI. The PCI7510 device is compliant with the 1394 Open Host Controller
Interface Specification (Release 1.1); thus, this field reads 10h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com