Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 165 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 165 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 161Page - Texas Instruments PCI7510 Datasheet HTML 162Page - Texas Instruments PCI7510 Datasheet HTML 163Page - Texas Instruments PCI7510 Datasheet HTML 164Page - Texas Instruments PCI7510 Datasheet HTML 165Page - Texas Instruments PCI7510 Datasheet HTML 166Page - Texas Instruments PCI7510 Datasheet HTML 167Page - Texas Instruments PCI7510 Datasheet HTML 168Page - Texas Instruments PCI7510 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 234 page
background image
8–6
8.3
Asynchronous Transmit Retries Register
The asynchronous transmit retries register indicates the number of times the PCI7510 device attempts a retry for
asynchronous DMA request transmit and for asynchronous physical and DMA response transmit. See Table 8–4 for
a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Asynchronous transmit retries
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Asynchronous transmit retries
Type
R
R
R
R
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Asynchronous transmit retries
Offset:
08h
Type:
Read/Write, Read-only
Default:
0000 0000h
Table 8–4. Asynchronous Transmit Retries Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–29
secondLimit
R
The second limit field returns 0s when read, because outbound dual-phase retry is not
implemented.
28–16
cycleLimit
R
The cycle limit field returns 0s when read, because outbound dual-phase retry is not implemented.
15–12
RSVD
R
Reserved. Bits 15–12 return 0s when read.
11–8
maxPhysRespRetries
RW
This field tells the physical response unit how many times to attempt to retry the transmit operation
for the response packet when a busy acknowledge or ack_data_error is received from the target
node.
7–4
maxATRespRetries
RW
This field tells the asynchronous transmit response unit how many times to attempt to retry the
transmit operation for the response packet when a busy acknowledge or ack_data_error is
received from the target node.
3–0
maxATReqRetries
RW
This field tells the asynchronous transmit DMA request unit how many times to attempt to retry the
transmit operation for the response packet when a busy acknowledge or ack_data_error is
received from the target node.
8.4
CSR Data Register
The CSR data register accesses the bus management CSR registers from the host through compare-swap
operations. This register contains the data to be stored in a CSR if the compare is successful.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
CSR data
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
CSR data
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Register:
CSR data
Offset:
0Ch
Type:
Read-only
Default:
XXXX XXXXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com