Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 187 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 187 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 183Page - Texas Instruments PCI7510 Datasheet HTML 184Page - Texas Instruments PCI7510 Datasheet HTML 185Page - Texas Instruments PCI7510 Datasheet HTML 186Page - Texas Instruments PCI7510 Datasheet HTML 187Page - Texas Instruments PCI7510 Datasheet HTML 188Page - Texas Instruments PCI7510 Datasheet HTML 189Page - Texas Instruments PCI7510 Datasheet HTML 190Page - Texas Instruments PCI7510 Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 234 page
background image
8–28
8.31 Link Control Register
The link control set/clear register provides the control flags that enable and configure the link core protocol portions
of the PCI7510 device. It contains controls for the receiver and cycle timer. See Table 8–23 for a complete description
of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Link control
Type
R
R
R
R
R
R
R
R
R
RSC
RSCU
RSC
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
X
X
X
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Link control
Type
R
R
R
R
R
RSC
RSC
R
R
RS
R
R
R
R
R
R
Default
0
0
0
0
0
X
X
0
0
0
0
0
0
0
0
0
Register:
Link control
Offset:
E0h
set register
E4h
clear register
Type:
Read/Set/Clear/Update, Read/Set/Clear, Read-only
Default:
00X0 0X00h
Table 8–23. Link Control Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–23
RSVD
R
Reserved. Bits 31–23 return 0s when read.
22
cycleSource
RSC
When bit 22 is set to 1, the cycle timer uses an external source (CYCLEIN) to determine when to roll
over the cycle timer. When this bit is cleared, the cycle timer rolls over when the timer reaches
3072 cycles of the 24.576-MHz clock (125
µs).
21
cycleMaster
RSCU
When bit 21 is set to 1, the PCI7510 device is root and it generates a cycle start packet every time
the cycle timer rolls over, based on the setting of bit 22 (cycleSource). When bit 21 is cleared, the
OHCI-Lynx
 accepts received cycle start packets to maintain synchronization with the node which
is sending them. Bit 21 is automatically cleared when bit 25 (cycleTooLong) in the interrupt event
register at OHCI offset 80h/84h (see Section 8.21) is set to 1. Bit 21 cannot be set to 1 until bit 25
(cycleTooLong) is cleared.
20
CycleTimerEnable
RSC
When bit 20 is set to 1, the cycle timer offset counts cycles of the 24.576-MHz clock and rolls over
at the appropriate time, based on the settings of the above bits. When this bit is cleared, the cycle
timer offset does not count.
19–11
RSVD
R
Reserved. Bits 19–11 return 0s when read.
10
RcvPhyPkt
RSC
When bit 10 is set to 1, the receiver accepts incoming PHY packets into the AR request context if
the AR request context is enabled. This bit does not control receipt of self-identification packets.
9
RcvSelfID
RSC
When bit 9 is set to 1, the receiver accepts incoming self-identification packets. Before setting this
bit to 1, software must ensure that the self-ID buffer pointer register contains a valid address.
8–7
RSVD
R
Reserved. Bits 8 and 7 return 0s when read.
6 ‡
tag1SyncFilterLock
RS
When bit 6 is set to 1, bit 6 (tag1SyncFilter) in the isochronous receive context match register (see
Section 8.46) is set to 1 for all isochronous receive contexts. When bit 6 is cleared, bit 6
(tag1SyncFilter) in the isochronous receive context match register has read/write access. This bit is
cleared when GRST is asserted.
5–0
RSVD
R
Reserved. Bits 5–0 return 0s when read.
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com