Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 190 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 190 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 186Page - Texas Instruments PCI7510 Datasheet HTML 187Page - Texas Instruments PCI7510 Datasheet HTML 188Page - Texas Instruments PCI7510 Datasheet HTML 189Page - Texas Instruments PCI7510 Datasheet HTML 190Page - Texas Instruments PCI7510 Datasheet HTML 191Page - Texas Instruments PCI7510 Datasheet HTML 192Page - Texas Instruments PCI7510 Datasheet HTML 193Page - Texas Instruments PCI7510 Datasheet HTML 194Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 234 page
background image
8–31
8.34 Isochronous Cycle Timer Register
The isochronous cycle timer register indicates the current cycle number and offset. When the PCI7510 device is cycle
master, this register is transmitted with the cycle start message. When the PCI7510 device is not cycle master, this
register is loaded with the data field in an incoming cycle start. In the event that the cycle start message is not received,
the fields can continue incrementing on their own (if programmed) to maintain a local time reference. See Table 8–26
for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Isochronous cycle timer
Type
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Isochronous cycle timer
Type
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Register:
Isochronous cycle timer
Offset:
F0h
Type:
Read/Write/Update
Default:
XXXX XXXXh
Table 8–26. Isochronous Cycle Timer Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–25
cycleSeconds
RWU
This field counts seconds [rollovers from bits 24–12 (cycleCount field)] modulo 128.
24–12
cycleCount
RWU
This field counts cycles [rollovers from bits 11–0 (cycleOffset field)] modulo 8000.
11–0
cycleOffset
RWU
This field counts 24.576-MHz clocks modulo 3072, that is, 125
µs. If an external 8-kHz clock
configuration is being used, then this field must be cleared to 0s at each tick of the external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com