Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 188 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 188 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 184Page - Texas Instruments PCI7510 Datasheet HTML 185Page - Texas Instruments PCI7510 Datasheet HTML 186Page - Texas Instruments PCI7510 Datasheet HTML 187Page - Texas Instruments PCI7510 Datasheet HTML 188Page - Texas Instruments PCI7510 Datasheet HTML 189Page - Texas Instruments PCI7510 Datasheet HTML 190Page - Texas Instruments PCI7510 Datasheet HTML 191Page - Texas Instruments PCI7510 Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 234 page
background image
8–29
8.32 Node Identification Register
The node identification register contains the address of the node on which the OHCI-Lynx
 chip resides, and
indicates the valid node number status. The 16-bit combination of the busNumber field (bits 15–6) and the
NodeNumber field (bits 5–0) is referred to as the node ID. See Table 8–24 for a complete description of the register
contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Node identification
Type
RU
RU
R
R
RU
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Node identification
Type
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RWU
RU
RU
RU
RU
RU
RU
Default
1
1
1
1
1
1
1
1
1
1
X
X
X
X
X
X
Register:
Node identification
Offset:
E8h
Type:
Read/Write/Update, Read/Update, Read-only
Default:
0000 FFXXh
Table 8–24. Node Identification Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
iDValid
RU
Bit 31 indicates whether or not the PCI7510 device has a valid node number. It is cleared when a 1394
bus reset is detected and set to 1 when the PCI7510 device receives a new node number from its PHY
layer.
30
root
RU
Bit 30 is set to 1 during the bus reset process if the attached PHY layer is root.
29–28
RSVD
R
Reserved. Bits 29 and 28 return 0s when read.
27
CPS
RU
Bit 27 is set to 1 if the PHY layer is reporting that cable power status is OK.
26–16
RSVD
R
Reserved. Bits 26–16 return 0s when read.
15–6
busNumber
RWU
This field identifies the specific 1394 bus the PCI7510 device belongs to when multiple
1394-compatible buses are connected via a bridge.
5–0
NodeNumber
RU
This field is the physical node number established by the PHY layer during self-identification. It is
automatically set to the value received from the PHY layer after the self-identification phase. If the PHY
layer sets the nodeNumber to 63, then software must not set bit 15 (run) in the asynchronous context
control register (see Section 8.40) for either of the AT DMA contexts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com