Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 214 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 214 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 210Page - Texas Instruments PCI7510 Datasheet HTML 211Page - Texas Instruments PCI7510 Datasheet HTML 212Page - Texas Instruments PCI7510 Datasheet HTML 213Page - Texas Instruments PCI7510 Datasheet HTML 214Page - Texas Instruments PCI7510 Datasheet HTML 215Page - Texas Instruments PCI7510 Datasheet HTML 216Page - Texas Instruments PCI7510 Datasheet HTML 217Page - Texas Instruments PCI7510 Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 234 page
background image
10–6
10.4 Vendor-Dependent Register
The vendor-dependent page provides access to the special control features of the PCI7510 device, as well as to
configuration and status information used in manufacturing test and debug. This page is selected by writing 7 to the
Page_Select field in base register 7. Table 10–7 shows the configuration of the vendor-dependent page, and
Table 10–8 shows the corresponding field descriptions.
Table 10–7. Page 7 (Vendor-Dependent) Register Configuration
BIT POSITION
ADDRESS
0
1
2
3
4
5
6
7
1000
NPA
Reserved
Link_Speed
1001
Reserved for test
1010
Reserved for test
1011
Reserved for test
1100
Reserved for test
1101
Reserved for test
1110
Reserved for test
1111
Reserved for test
Table 10–8. Page 7 (Vendor-Dependent) Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
NPA
1
RW
Null-packet actions flag. This bit instructs the PHY layer to not clear fair and priority requests when a null
packet is received with arbitration acceleration enabled. If this bit is set to 1, fair and priority requests are
cleared only when a packet of more than 8 bits is received; ACK packets (exactly 8 data bits), null packets
(no data bits), and malformed packets (less than 8 data bits) do not clear fair and priority requests. If this bit is
cleared to 0, fair and priority requests are cleared when any non-ACK packet is received, including null
packets or malformed packets of less than 8 bits. This bit is cleared to 0 by system (hardware) reset and is
unaffected by bus reset.
Link_Speed
2
RW
Link speed. This field indicates the top speed capability of the attached LLC. Encoding is as follows:
Code
Speed
00
S100
01
S200
10
S400
11
illegal
This field is replicated in the sp field of the self-ID packet to indicate the speed capability of the node (PHY
and LLC in combination). However, this field does not affect the PHY speed capability indicated to peer
PHYs during self-ID; the PCI7510 PHY layer identifies itself as S400 capable to its peers regardless of the
value in this field. This field is set to 10b (S400) by system (hardware) reset and is unaffected by bus reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com