Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 217 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 217 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 213Page - Texas Instruments PCI7510 Datasheet HTML 214Page - Texas Instruments PCI7510 Datasheet HTML 215Page - Texas Instruments PCI7510 Datasheet HTML 216Page - Texas Instruments PCI7510 Datasheet HTML 217Page - Texas Instruments PCI7510 Datasheet HTML 218Page - Texas Instruments PCI7510 Datasheet HTML 219Page - Texas Instruments PCI7510 Datasheet HTML 220Page - Texas Instruments PCI7510 Datasheet HTML 221Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 234 page
background image
11–2
11.2 Device ID Register
This 16-bit read-only register contains the value 8204h assigned by TI to the PCI7510 firmware loading function.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Device ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
1
0
0
0
0
0
1
0
0
0
0
0
0
1
0
0
Register:
Device ID
Offset:
02h
Type:
Read-only
Default:
8204h
11.3 Command Register
This register provides control over the PCI7510 interface to the PCI bus. All bit functions adhere to the definitions in
the PCI Local Bus Specification. See Table 11–2 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Command
Type
R
R
R
R
R
RW
R
RW
R
RW
R
RW
R
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Command
Offset:
04h
Type:
Read-only, Read/Write
Default:
0000h
Table 11–2. Command Register Description
BIT
SIGNAL
TYPE
FUNCTION
15–11
RSVD
R
Reserved. Bits 15–11 return 0s when read.
10
INT_DISABLE
RW
INTx disable. When set, this bit disables the function from asserting interrupts on the INTx signals.
Since the firmware loader function does not signal interrupts, this bit has no effect on the function.
0 = INTx assertion is enabled (default)
1 = INTx assertion is disabled
This bit is disabled (read-only 0) if bit 0 (PCI2_3_EN) in the miscellaneous control register (see
Section 11.24) is 0.
9
FBB_EN
R
Fast back-to-back enable. The PCI7510 device does not generate fast back-to-back transactions;
thus, this bit returns 0 when read.
8
SERR_EN
RW
SERR enable. When set, the PCI7510 SERR driver is enabled. SERR can be asserted after
detecting an address parity error on the PCI bus.
7
RSVD
R
Reserved. Bit 7 returns 0 when read.
6
PERR_EN
RW
Parity error enable. When set, the PCI7510 device is enabled to drive the PERR response to parity
errors through the PERR signal.
5
VGA_EN
R
VGA palette snoop enable. The PCI7510 device does not feature VGA palette snooping; thus, this
bit returns 0 when read.
4
MWI_EN
RW
Memory write-and-invalidate (MWI) enable. This bit is hardwired to 0 since the firmware loader is a
slave-only function.
3
SPECIAL
R
Special cycle enable. The PCI7510 device does not respond to special cycle transactions. This bit
returns 0 when read.
2
MASTER_ENB
RW
Bus master enable. This bit is hardwired to 0 since the firmware loader is a slave-only function.
1
MEMORY_ENB
RW
Memory response enable. This bit is hardwired to 0 since the firmware loader does not respond to
memory cycles.
0
IO_EN
RW
I/O space enable. Setting this bit to 1 enables the PCI7510 device to respond to I/O space accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com