Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 218 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 218 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 214Page - Texas Instruments PCI7510 Datasheet HTML 215Page - Texas Instruments PCI7510 Datasheet HTML 216Page - Texas Instruments PCI7510 Datasheet HTML 217Page - Texas Instruments PCI7510 Datasheet HTML 218Page - Texas Instruments PCI7510 Datasheet HTML 219Page - Texas Instruments PCI7510 Datasheet HTML 220Page - Texas Instruments PCI7510 Datasheet HTML 221Page - Texas Instruments PCI7510 Datasheet HTML 222Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 234 page
background image
11–3
11.4 Status Register
This register provides device information to the host system. Bits in this register may be read normally. A bit in the
status register is reset when a 1 is written to that bit location; a 0 written to a bit location has no effect. All bit functions
adhere to the definitions in the PCI Local Bus Specification. See Table 11–3 for a complete description of the register
contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Status
Type
RCU
RCU
RCU
RCU
RCU
R
R
RCU
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
Register:
Status
Offset:
06h
Type:
Read-only, Read/Clear/Update
Default:
0210h
Table 11–3. Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
15
PAR_ERR
RCU
Detected parity error. This bit is set when a parity error is detected, either an address- or data-parity
error.
14
SYS_ERR
RCU
Signaled system error. This bit is set when SERR is enabled and the PCI7510 device has signaled a
system error to the host.
13
MABORT
RCU
Received master abort. This bit is set when a cycle initiated by the PCI7510 device on the PCI bus
has been terminated by a master abort.
12
TABORT_REC
RCU
Received target abort. This bit is set when a cycle initiated by the PCI7510 device on the PCI bus
has been terminated by a target abort.
11
TABORT_SIG
RCU
Signaled target abort. This bit is set by the PCI7510 device when it terminates a transaction on the
PCI bus with a target abort.
10–9
PCI_SPEED
R
DEVSEL timing. These bits encode the timing of DEVSEL and are hardwired 01b, indicating that the
PCI7510 device asserts this signal at a medium speed on nonconfiguration cycle accesses.
8
DATAPAR
RCU
Data parity error detected. This bit is set when the following conditions have been met:
a. PERR was asserted by any PCI device, including the PCI7510 device.
b. The PCI7510 device was the bus master during the data parity error.
c. The parity error response bit is set in the command register.
7
FBB_CAP
R
Fast back-to-back capable. The PCI7510 device cannot accept fast back-to-back transactions; thus,
this bit is hardwired to 0.
6
UDF
R
UDF supported. The PCI7510 device does not support the user definable features; thus, this bit is
hardwired to 0.
5
66MHZ
R
66-MHz capable. The PCI7510 device operates at a maximum PCLK frequency of 33 MHz;
therefore, this bit is hardwired to 0.
4
CAPLIST
R
Capabilities list. This bit returns 1 when read, indicating that the firmware loading function of the
PCI7510 device supports additional PCI capabilities.
3
INT_STATUS
R
Interrupt status. This bit reflects the interrupt status of the function. Since the firmware loader
function does not signal interrupts, this bit is hardwired to 0. This bit is disabled (read-only 0) if bit 0
(PCI2_3_EN) in the miscellaneous control register (see Section 11.24) is 0.
2–0
RSVD
R
Reserved. Bits 2–0 return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com