Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 34 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 30Page - Texas Instruments PCI4451 Datasheet HTML 31Page - Texas Instruments PCI4451 Datasheet HTML 32Page - Texas Instruments PCI4451 Datasheet HTML 33Page - Texas Instruments PCI4451 Datasheet HTML 34Page - Texas Instruments PCI4451 Datasheet HTML 35Page - Texas Instruments PCI4451 Datasheet HTML 36Page - Texas Instruments PCI4451 Datasheet HTML 37Page - Texas Instruments PCI4451 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 216 page
background image
2–16
Table 2–11. PCI Interface Control Terminals
TERMINAL
I/O
FUNCTION
NAME
GFN NO.
GJG NO.
I/O
FUNCTION
DEVSEL
U19
U19
I/O
PCI device select. The PCI4451 asserts DEVSEL to claim a PCI cycle as the target device.
As a PCI initiator on the bus, the PCI4451 monitors DEVSEL until a target responds. If no
target responds before time-out occurs, then the PCI4451 terminates the cycle with an
initiator abort.
FRAME
V20
T18
I/O
PCI cycle frame. FRAME is driven by the initiator of a bus cycle. FRAME is asserted to
indicate that a bus transaction is beginning, and data transfers continue while this signal
is asserted. When FRAME is deasserted, the PCI bus transaction is in the final data phase.
GNT
K20
K14
I
PCI bus grant. GNT is driven by the PCI bus arbiter to grant the PCI4451 access to the PCI
bus after the current data transaction has completed. GNT may or may not follow a PCI bus
request, depending on the PCI bus parking algorithm.
LOCK
(MFUNC7)
P20
N19
I/O
PCI bus lock. MFUNC7/LOCK can be configured as PCI LOCK and used to gain exclusive
access downstream. Since this functionality is not typically used, other functions may be
accessed through this terminal. MFUNC7/LOCK defaults to and can be configured
through the multifunction routing status register (PCI offset 8Ch, see Section 4.36).
IDSEL/MFUNC7
P20
N19
I
Initialization device select. IDSEL selects the PCI4451 during configuration space
accesses. IDSEL can be connected to one of the upper 21 PCI address lines on the PCI
bus (AD31–AD11).† If the LATCH terminal (GFN terminal W12/GJG terminal W11) has
an external pulldown resistor, then this terminal is configurable as MFUNC7 and IDSEL
defaults to the AD23 terminal.
IRDY
T17
T19
I/O
PCI initiator ready. IRDY indicates the PCI bus initiator’s ability to complete the current data
phase of the transaction. A data phase is completed on a rising edge of PCLK where both
IRDY and TRDY are asserted. Until IRDY and TRDY are both sampled asserted, wait states
are inserted.
PERR
W20
V18
I/O
PCI parity error indicator. PERR is driven by a PCI device to indicate that calculated parity
does not match PAR when PERR is enabled through bit 6 of the command register (PCI
offset 04h, see Section 4.4).
REQ
L20
L14
O
PCI bus request. REQ is asserted by the PCI4451 to request access to the PCI bus as an
initiator.
SERR
Y20
W18
O
PCI system error. SERR is an output that is pulsed from the PCI4451 when enabled through
bit 8 of the command register (PCI offset 04h, see Section 4.4), indicating a system error
has occurred. The PCI4451 need not be the target of the PCI cycle to assert this signal.
When SERR is enabled by bit 1 in the bridge control register (PCI offset 3Eh, see
Section 4.24), this signal also pulses, indicating that an address parity error has occurred
on a CardBus interface.
STOP
V19
V19
I/O
PCI cycle stop signal. STOP is driven by a PCI target to request the initiator to stop the
current PCI bus transaction. STOP is used for target disconnects and is commonly asserted
by target devices that do not support burst data transfers.
TRDY
U18
U18
I/O
PCI target ready. TRDY indicates the primary bus target’s ability to complete the current
data phase of the transaction. A data phase is completed on a rising edge of PCLK when
both IRDY and TRDY are asserted. Until both IRDY and TRDY are asserted, wait states
are inserted.
† Care must be exercised in selection of the address line that is used for connecting to IDSEL. Check each PCI component to avoid the use of
address lines that it may have reserved, because address lines used can vary from one device to another of the same device type. For example,
one commonly-used chipset uses lines AD11 and AD12, and assignment of IDSEL to either of those lines in an implementation using that chipset
would result in an address conflict.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com