Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 46 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 46 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 42Page - Texas Instruments PCI4451 Datasheet HTML 43Page - Texas Instruments PCI4451 Datasheet HTML 44Page - Texas Instruments PCI4451 Datasheet HTML 45Page - Texas Instruments PCI4451 Datasheet HTML 46Page - Texas Instruments PCI4451 Datasheet HTML 47Page - Texas Instruments PCI4451 Datasheet HTML 48Page - Texas Instruments PCI4451 Datasheet HTML 49Page - Texas Instruments PCI4451 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 216 page
background image
3–2
Tied for Open Drain
OE
Pad
VCCP
Figure 3–2. 3-State Bidirectional Buffer
3.2
Clamping Voltages
The I/O sites can be pulled through a clamping diode to a voltage rail for protection. The 3.3-V core power supply
is independent of the clamping voltages. The clamping (protection) diodes are required if the signaling environment
on an I/O is system dependent. For example, PCI signaling can be either 3.3 Vdc or 5.0 Vdc, and the PCI4451 must
reliably accommodate both voltage levels. This is accomplished by using a 3.3-V buffer with a clamping diode to VCCP.
If a system design requires a 5.0-V PCI bus, then VCCP must be connected to the 5.0-V power supply.
A standard die has only one clamping voltage for the sites as shown in Figure 3–2. After the terminal assignments
are fixed, the fabrication facility will support a design by splitting the clamping voltage for customization. The PCI4451
requires five separate clamping voltages since it supports a wide range of features. The five voltages are listed and
defined in Section 12.2, Recommended Operating Conditions.
3.3
Peripheral Component Interconnect (PCI) Interface
This section describes the PCI interface of the PCI4451, and how the device responds to and participates in PCI bus
cycles. The PCI4451 provides all required signals for PCI master/slave devices and may operate in either 5-V or 3.3-V
PCI signaling environments by connecting the VCCP terminals to the desired signaling level.
3.3.1
PCI Bus Lock (LOCK)
The bus locking protocol defined in the PCI Specification is not highly recommended, but is provided on the PCI4451
as an additional compatibility feature. The PCI LOCK terminal is multiplexed with GPIO2, and the terminal function
defaults to a general-purpose input (GPI). The use of LOCK is only supported by PCI-to-CardBus bridges in the
downstream direction (away from the processor).
PCI LOCK indicates an atomic operation that may require multiple transactions to complete. When LOCK is asserted,
nonexclusive transactions may proceed to an address that is not currently locked. A grant to start a transaction on
the PCI bus does not guarantee control of LOCK; control of LOCK is obtained under its own protocol. It is possible
for different initiators to use the PCI bus while a single master retains ownership of LOCK. To avoid confusion with
the PCI bus clock, the CardBus signal for this protocol is CBLOCK.
An agent may need to do an exclusive operation because a critical memory access to memory might be broken into
several transactions, but the master wants exclusive rights to a region of memory. The granularity of the lock is defined
by PCI to be 16 bytes aligned. The lock protocol defined by PCI allows a resource lock without interfering with
nonexclusive, real-time data transfer, such as video.
The PCI bus arbiter may be designed to support only complete bus locks using the LOCK protocol. In this scenario
the arbiter will not grant the bus to any other agent (other than the LOCK master) while LOCK is asserted. A complete
bus lock may have a significant impact on the performance of the video. The arbiter that supports complete bus lock
must grant the bus to the cache to perform a writeback due to a snoop to a modified line when a locked operation
is in progress.
The PCI4451 supports all LOCK protocol associated with PCI-to-PCI bridges, as also defined for PCI-to-CardBus
bridges. This includes disabling write posting while a locked operation is in progress, which can solve a potential
deadlock when using devices such as PCI-to-PCI bridges. The potential deadlock can occur if a CardBus target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com