Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 79 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 79 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 75Page - Texas Instruments PCI4451 Datasheet HTML 76Page - Texas Instruments PCI4451 Datasheet HTML 77Page - Texas Instruments PCI4451 Datasheet HTML 78Page - Texas Instruments PCI4451 Datasheet HTML 79Page - Texas Instruments PCI4451 Datasheet HTML 80Page - Texas Instruments PCI4451 Datasheet HTML 81Page - Texas Instruments PCI4451 Datasheet HTML 82Page - Texas Instruments PCI4451 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 216 page
background image
4–11
4.19 CardBus Memory Limit Registers 0, 1
These registers indicate the upper address of a PCI memory address range. They are used by the PCI4451 to
determine when to forward a memory transaction to the CardBus bus, and likewise, when to forward a CardBus cycle
to PCI. Bits 31–12 of these registers are read/write and allow the memory base to be located anywhere in the 32-bit
PCI memory space on 4-Kbyte boundaries. Bits 11–0 are read-only and always return 0s. Writes to these bits have
no effect. Bits 8 and 9 of the bridge control register (offset 3Eh, see Section 4.24) specify whether memory windows
0 and 1 are prefetchable or nonprefetchable. The memory base register or the memory limit register must be nonzero
in order for the PCI4451 to claim any memory transactions through CardBus memory windows (i.e., these windows
are not enabled by default to pass the first 4K bytes of memory to CardBus).
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Memory limit registers 0, 1
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Memory limit registers 0, 1
Type
R/W
R/W
R/W
R/W
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Memory limit registers 0, 1
Type:
Read-only, Read/Write
Offset:
20h, 28h
Default:
0000 0000h
4.20 CardBus I/O Base Registers 0, 1
These registers indicate the lower address of a PCI I/O address range. They are used by the PCI4451 to determine
when to forward an I/O transaction to the CardBus bus, and likewise, when to forward a CardBus cycle to the PCI
bus. The lower 16 bits of this register locate the bottom of the I/O window within a 64-Kbyte page, and the upper 16
bits (31–16) are all 0s which locate this 64-Kbyte page in the first page of the 32-bit PCI I/O address space. Bits 31–16
and bits 1–0 are read-only and always return 0s, forcing I/O windows to be aligned on a natural doubleword boundary
in the first 64-Kbyte page of PCI I/O address space. These I/O windows are enabled when either the I/O base register
or the I/O limit register is nonzero. The I/O windows are not enabled by default to pass the first doubleword of I/O to
CardBus.
Either the I/O base or the I/O limit register must be nonzero to enable any I/O transactions.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
I/O base registers 0, 1
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
I/O base registers 0, 1
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
I/O base registers 0, 1
Type:
Read-only, Read/Write
Offset:
2Ch, 34h
Default:
0000 0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com