Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 69 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 69 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 65Page - Texas Instruments PCI4451 Datasheet HTML 66Page - Texas Instruments PCI4451 Datasheet HTML 67Page - Texas Instruments PCI4451 Datasheet HTML 68Page - Texas Instruments PCI4451 Datasheet HTML 69Page - Texas Instruments PCI4451 Datasheet HTML 70Page - Texas Instruments PCI4451 Datasheet HTML 71Page - Texas Instruments PCI4451 Datasheet HTML 72Page - Texas Instruments PCI4451 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 216 page
background image
4–1
4 PC Card Controller Programming Model
This chapter describes the PCI4451 PCI configuration registers that make up the 256-byte PCI configuration header
for each PCI4451 function. As noted below, some bits are global in nature and should be accessed only through
function 0.
Registers containing one or more global bits are denoted by a §.
Any bit followed by a † is not cleared by the assertion of PRST (see CardBus Device Class Power Management,
Section 3.6.4, for more details) if PME is enabled (PCI offset A4h, bit 8). In this case, these bits are only cleared by
GRST. If PME is not enabled, then these bits are cleared by GRST or PRST. These bits are sometimes referred to
as PME context bits and are implemented to allow PME context to be preserved when transitioning from D3hot or
D3cold to D0. If the PME context PRST functionality is not desired, then the PRST and GRST signals should be tied
together.
If a bit is followed by a †, then this bit is only cleared by GRST in all cases (not conditional on PME being enabled).
These bits are intended to maintain device context such as interrupt routing and MFUNC programming during warm
resets.
4.1
PCI Configuration Registers (Functions 0 and 1)
The PCI4451 is a multifunction PCI device, and the PC Card controller is integrated as PCI functions 0 and 1. The
configuration header, compliant with the PCI Specification as a CardBus bridge header, is PC97/PC98 compliant as
well. Table 4–1 illustrates the PCI configuration header, which includes both the predefined portion of the
configuration space and the user definable registers.
Table 4–1. Functions 0 and 1 PCI Configuration Register Map
REGISTER NAME
OFFSET
Device ID
Vendor ID
00h
Status
PCI command
04h
Class code
Revision ID
08h
BIST
Header type
Latency timer
Cache line size
0Ch
CardBus socket registers/ExCA registers base address
10h
Secondary status
Reserved
Capability pointer
14h
CardBus latency timer
Subordinate bus number
CardBus bus number
PCI bus number
18h
CardBus memory base register 0
1Ch
CardBus memory limit register 0
20h
CardBus memory base register 1
24h
CardBus memory limit register 1
28h
CardBus I/O base register 0
2Ch
CardBus I/O limit register 0
30h
CardBus I/O base register 1
34h
CardBus I/O limit register 1
38h
Bridge control†
Interrupt pin
Interrupt line
3Ch
Subsystem ID‡
Subsystem vendor ID
‡
40h
PC Card 16-bit I/F legacy mode base address
‡
44h
Reserved
48h–7Fh
† One or more bits in the register are PME context bits and can only be cleared by the assertion of GRST when PME is enabled. If PME is not
enabled, then these bits are cleared by the assertion of PRST or GRST.
‡ One or more bits in this register are only cleared by the assertion GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com