Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 76 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 76 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 72Page - Texas Instruments PCI4451 Datasheet HTML 73Page - Texas Instruments PCI4451 Datasheet HTML 74Page - Texas Instruments PCI4451 Datasheet HTML 75Page - Texas Instruments PCI4451 Datasheet HTML 76Page - Texas Instruments PCI4451 Datasheet HTML 77Page - Texas Instruments PCI4451 Datasheet HTML 78Page - Texas Instruments PCI4451 Datasheet HTML 79Page - Texas Instruments PCI4451 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 216 page
background image
4–8
4.13 Secondary Status Register
The secondary status register is compatible with the PCI-PCI bridge secondary status register. It indicates CardBus
related device information to the host system. This register is very similar to the PCI status register (offset 06h), and
status bits are cleared by a writing a 1. This register is not shared by the two socket functions, but is accessed on
a per socket basis. See Table 4–4 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Secondary status
Type
RC
RC
RC
RC
RC
R
R
RC
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
Register:
Secondary status
Type:
Read-only, Read/2Clear
Offset:
16h
Default:
0200h
Table 4–4. Secondary Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
15
CBPARITY
RC
Detected parity error. This bit is set when a CardBus parity error is detected, either address or data parity
errors. Write a 1 to clear this bit.
14
CBSERR
RC
Signaled system error. This bit is set when CSERR is signaled by a CardBus card. The PCI4451 does not
assert the CSERR signal. Write a 1 to clear this bit.
13
CBMABORT
RC
Received master abort. This bit is set when a cycle initiated by the PCI4451 on the CardBus bus has been
terminated by a master abort. Write a 1 to clear this bit.
12
REC_CBTA
RC
Received target abort. This bit is set when a cycle initiated by the PCI4451 on the CardBus bus was
terminated by a target abort. Write a 1 to clear this bit.
11
SIG_CBTA
RC
Signaled target abort. This bit is set by the PCI4451 when it terminates a transaction on the CardBus bus
with a target abort. Write a 1 to clear this bit.
10–9
CB_SPEED
R
CDEVSEL timing. These bits encode the timing of CDEVSEL and are hardwired to 01b indicating that the
PCI4451 asserts this signal at a medium speed.
8
CB_DPAR
RC
CardBus data parity error detected. Write a 1 to clear this bit.
0 = The conditions for setting this bit have not been met.
1 = A data parity error occurred and the following conditions were met:
a. CPERR was asserted on the CardBus interface.
b. The PCI4451 was the bus master during the data parity error.
c. The parity error response enable bit (bit 0) is set in the bridge control register (offset 3Eh, see
Section 4.24).
7
CBFBB_CAP
R
Fast back-to-back capable. The PCI4451 cannot accept fast back-to-back transactions; therefore, this bit
is hardwired to 0.
6
CB_UDF
R
User definable feature support. The PCI4451 does not support the user definable features; therefore, this
bit is hardwired to 0.
5
CB66MHZ
R
66-MHz capable. The PCI4451 CardBus interface operates at a maximum CCLK frequency of 33 MHz;
therefore, this bit is hardwired to 0.
4–0
RSVD
R
These bits return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com