Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 45 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 45 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 41Page - Texas Instruments PCI4451 Datasheet HTML 42Page - Texas Instruments PCI4451 Datasheet HTML 43Page - Texas Instruments PCI4451 Datasheet HTML 44Page - Texas Instruments PCI4451 Datasheet HTML 45Page - Texas Instruments PCI4451 Datasheet HTML 46Page - Texas Instruments PCI4451 Datasheet HTML 47Page - Texas Instruments PCI4451 Datasheet HTML 48Page - Texas Instruments PCI4451 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 216 page
background image
3–1
3 Feature/Protocol Descriptions
Figure 3–1 shows a simplified system implementation example using the PCI4451. The PCI interface includes all
address/data and control signals for PCI protocol. Highlighted in this diagram is the functionality supported by the
PCI4451. The PCI4451 supports PC/PCI DMA, PCI Way DMA (distributed DMA), PME wake-up from D3cold through
D0, four interrupt modes, an integrated zoomed video port, and 12 multifunction terminals (eight MFUNC and four
GPIO terminals) that can be programmed for a wide variety of functions.
PCI4451
Activity LED’s
South Bridge
IRQSER
Embedded
Controller
DMA
PME
68
23 for ZV†
PC Card
Socket A
TPS2216 or
Micrel 2564A
Power
Switch
2
PC Card
Socket B
VGA
Controller
Zoomed Video
19 Video
CLKRUN
Interrupt Routing Options:
1) Serial ISA/Serial PCI
2) Serial ISA/Parallel PCI
ZV
Enable
23 for ZV
68
PCI Bus
Clock
4 Audio
14
PHY
1394 Ports
OHCI-PHY
Interface
Audio
Codec
44
23
† The PC Card interface is 68 terminals for CardBus and 16-bit PC Cards. In zoomed-video mode 23 terminals are used for routing the zoomed
video signals to the VGA controller and audio codec.
Figure 3–1. PCI4451 System Block Diagram
3.1
I/O Characteristics
Figure 3–2 shows a 3-state bidirectional buffer illustration for reference. Section 12.2, Recommended Operating
Conditions, provides the electrical characteristics of the inputs and outputs. The PCI4451 meets the ac specifications
of the 1995 PC Card Standard and the PCI Local Bus Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com