Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 30 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 26Page - Texas Instruments PCI4451 Datasheet HTML 27Page - Texas Instruments PCI4451 Datasheet HTML 28Page - Texas Instruments PCI4451 Datasheet HTML 29Page - Texas Instruments PCI4451 Datasheet HTML 30Page - Texas Instruments PCI4451 Datasheet HTML 31Page - Texas Instruments PCI4451 Datasheet HTML 32Page - Texas Instruments PCI4451 Datasheet HTML 33Page - Texas Instruments PCI4451 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 216 page
background image
2–12
Table 2–6. 16-Bit PC Card Signal Names Sorted Alphanumerically to GJG Terminal Number
SIGNAL NAME
TERM.
NO.
SIGNAL NAME
TERM.
NO.
SIGNAL NAME
TERM.
NO.
SIGNAL NAME
TERM.
NO.
A_ADDR0
K6
A_DATA11
B8
AD26
M16
B_DATA5
H19
A_ADDR1
J6
A_DATA12
G7
AD27
M15
B_DATA6
H16
A_ADDR2
J5
A_DATA13
B7
AD28
L16
B_DATA7
G13
A_ADDR3
J1
A_DATA14
E7
AD29
L19
B_DATA8
F9
A_ADDR4
H5
A_DATA15
A6
AD30
L18
B_DATA9
B9
A_ADDR5
H4
A_INPACK
J4
AD31
L15
B_DATA10
E9
A_ADDR6
H1
A_IORD
D5
B_ADDR0
D11
B_DATA11
J16
A_ADDR7
G2
A_IOWR
B4
B_ADDR1
E12
B_DATA12
H14
A_ADDR8
A2
A_OE
B5
B_ADDR2
D12
B_DATA13
H18
A_ADDR9
D4
A_READY(IREQ)
K2
B_ADDR3
D13
B_DATA14
H15
A_ADDR10
F6
A_REG
J2
B_ADDR4
B13
B_DATA15
G18
A_ADDR11
A4
A_RESET
H2
B_ADDR5
E13
B_INPACK
A13
A_ADDR12
G6
A_VS1
K1
B_ADDR6
B14
B_IORD
F16
A_ADDR13
B1
A_VS2
H6
B_ADDR7
B15
B_IOWR
F14
A_ADDR14
D1
A_WAIT
K4
B_ADDR8
D19
B_OE
F19
A_ADDR15
F4
A_WE
E4
B_ADDR9
E18
B_READY(IREQ)
E11
A_ADDR16
E2
A_WP(IOIS16)
L2
B_ADDR10
G15
B_REG
A12
A_ADDR17
B3
AD0
V12
B_ADDR11
F15
B_RESET
F13
A_ADDR18
B2
AD1
T12
B_ADDR12
E15
B_VS1
B11
A_ADDR19
C2
AD2
R12
B_ADDR13
C19
B_VS2
A14
A_ADDR20
D2
AD3
N13
B_ADDR14
C18
B_WAIT
F11
A_ADDR21
E5
AD4
T13
B_ADDR15
B16
B_WE
B18
A_ADDR22
F5
AD5
R13
B_ADDR16
A17
B_WP(IOIS16)
B10
A_ADDR23
F2
AD6
P13
B_ADDR17
E16
C/BE0
T14
A_ADDR24
G5
AD7
W14
B_ADDR18
D18
C/BE1
T16
A_ADDR25
G4
AD8
R14
B_ADDR19
D16
C/BE2
R16
A_BVD1(STSCHG/RI)
L1
AD9
P14
B_ADDR20
B19
C/BE3
M14
A_BVD2(SPKR)
L6
AD10
W15
B_ADDR21
A18
CLKRUN
K18
A_CD1
F8
AD11
V15
B_ADDR22
B17
CLOCK
T11
A_CD2
L4
AD12
T15
B_ADDR23
D15
DATA
V11
A_CE1
D6
AD13
W16
B_ADDR24
A15
DEVSEL
U19
A_CE2
A5
AD14
V16
B_ADDR25
E14
FRAME
T18
A_DATA0
L5
AD15
W17
B_BVD1(STSCHG/RI)
A10
GND
A3
A_DATA1
M1
AD16
R15
B_BVD2(SPKR)
F10
GND
A16
A_DATA2
M5
AD17
R19
B_CD1
J19
GND
C1
A_DATA3
A8
AD18
R18
B_CD2
D10
GND
D8
A_DATA4
E8
AD19
P16
B_CE1
G16
GND
F12
A_DATA5
A7
AD20
P19
B_CE2
G14
GND
G1
A_DATA6
D7
AD21
P18
B_DATA0
E10
GND
G19
A_DATA7
F7
AD22
N14
B_DATA1
A9
GND
M2
A_DATA8
M6
AD23
N15
B_DATA2
D9
GND
N16
A_DATA9
M4
AD24
M19
B_DATA3
J18
GND
T4
A_DATA10
N7
AD25
M18
B_DATA4
J15
GND
T7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com