Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 27 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 23Page - Texas Instruments PCI4451 Datasheet HTML 24Page - Texas Instruments PCI4451 Datasheet HTML 25Page - Texas Instruments PCI4451 Datasheet HTML 26Page - Texas Instruments PCI4451 Datasheet HTML 27Page - Texas Instruments PCI4451 Datasheet HTML 28Page - Texas Instruments PCI4451 Datasheet HTML 29Page - Texas Instruments PCI4451 Datasheet HTML 30Page - Texas Instruments PCI4451 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 216 page
background image
2–9
Table 2–4. GJG Terminals Sorted Alphanumerically for CardBus // 16-Bit Signals and OHCI (Continued)
TERM.
SIGNAL NAME
TERM.
SIGNAL NAME
TERM.
SIGNAL NAME
TERM.
NO.
CARDBUS
16-BIT
TERM.
NO.
CARDBUS
16-BIT
TERM.
NO.
CARDBUS
16-BIT
K15
PCLK
PCLK
P9
MFUNC2
MFUNC2
T18
FRAME
FRAME
K18
CLKRUN
CLKRUN
P10
MFUNC1
MFUNC1
T19
IRDY
IRDY
K19
PRST
PRST
P11
GRST
GRST
U1
ZV_UV3
ZV_UV3
L1
A_CSTSCHG
A_BVD1(STSCHG/RI)
P12
IRQSER
IRQSER
U2
ZV_UV6
ZV_UV6
L2
A_CCLKRUN
A_WP(IOIS16)
P13
AD6
AD6
U18
TRDY
TRDY
L4
A_CCD2
A_CD2
P14
AD9
AD9
U19
DEVSEL
DEVSEL
L5
A_CAD27
A_DATA0
P15
VCC
VCC
V1
ZV_UV5
ZV_UV5
L6
A_CAUDIO
A_BVD2(SPKR)
P16
AD19
AD19
V2
ZV_SCLK
ZV_SCLK
L14
REQ
REQ
P18
AD21
AD21
V3
ZV_LRCLK
ZV_LRCLK
L15
AD31
AD31
P19
AD20
AD20
V4
ZV_PCLK
ZV_PCLK
L16
AD28
AD28
R1
ZV_Y7
ZV_Y7
V5
LPS
LPS
L18
AD30
AD30
R2
ZV_UV0
ZV_UV0
V6
PHY_CTL1
PHY_CTL1
L19
AD29
AD29
R4
ZV_UV2
ZV_UV2
V7
PHY_DATA1
PHY_DATA1
M1
A_CAD29
A_DATA1
R5
MFUNC6
MFUNC6
V8
PHY_DATA5
PHY_DATA5
M2
GND
GND
R6
PHY_LREQ
PHY_LREQ
V9
SCL
SCL
M4
A_CAD30
A_DATA9
R7
PHY_DATA0
PHY_DATA0
V10
VCC
VCC
M5
A_RSVD
A_DATA2
R8
PHY_DATA7
PHY_DATA7
V11
DATA
DATA
M6
A_CAD28
A_DATA8
R9
MFUNC3
MFUNC3
V12
AD0
AD0
M14
C/BE3
C/BE3
R10
SUSPEND
SUSPEND
V13
VCC
VCC
M15
AD27
AD27
R11
RI_OUT
RI_OUT
V14
GND
GND
M16
AD26
AD26
R12
AD2
AD2
V15
AD11
AD11
M18
AD25
AD25
R13
AD5
AD5
V16
AD14
AD14
M19
AD24
AD24
R14
AD8
AD8
V17
PAR
PAR
N1
ZV_HREF
ZV_HREF
R15
AD16
AD16
V18
PERR
PERR
N2
ZV_VSYNC
ZV_VSYNC
R16
C/BE2
C/BE2
V19
STOP
STOP
N4
ZV_Y0
ZV_Y0
R18
AD18
AD18
W2
ZV_UV7
ZV_UV7
N5
ZV_Y1
ZV_Y1
R19
AD17
AD17
W3
ZV_MCLK
ZV_MCLK
N6
ZV_Y2
ZV_Y2
T1
ZV_UV1
ZV_UV1
W4
ZV_SDATA
ZV_SDATA
N7
A_CAD31
A_DATA10
T2
ZV_UV4
ZV_UV4
W5
MFUNC5
MFUNC5
N13
AD3
AD3
T4
GND
GND
W6
PHY_CTL0
PHY_CTL0
N14
AD22
AD22
T5
VCC
VCC
W7
PHY_DATA2
PHY_DATA2
N15
AD23
AD23
T6
PHY_CLK
PHY_CLK
W8
PHY_DATA4
PHY_DATA4
N16
GND
GND
T7
GND
GND
W9
SDA
SDA
N18
VCCP
VCCP
T8
PHY_DATA6
PHY_DATA6
W10
MFUNC0
MFUNC0
N19
IDSEL/MFUNC7
IDSEL/MFUNC7
T9
MFUNC4
MFUNC4
W11
LATCH
LATCH
P1
VCC
VCC
T10
SPKROUT
SPKROUT
W12
GND
GND
P2
ZV_Y3
ZV_Y3
T11
CLOCK
CLOCK
W13
VCCP
VCCP
P4
ZV_Y4
ZV_Y4
T12
AD1
AD1
W14
AD7
AD7
P5
ZV_Y5
ZV_Y5
T13
AD4
AD4
W15
AD10
AD10
P6
ZV_Y6
ZV_Y6
T14
C/BE0
C/BE0
W16
AD13
AD13
P7
LINKON
LINKON
T15
AD12
AD12
W17
AD15
AD15
P8
PHY_DATA3
PHY_DATA3
T16
C/BE1
C/BE1
W18
SERR
SERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com