Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 22 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 18Page - Texas Instruments PCI4451 Datasheet HTML 19Page - Texas Instruments PCI4451 Datasheet HTML 20Page - Texas Instruments PCI4451 Datasheet HTML 21Page - Texas Instruments PCI4451 Datasheet HTML 22Page - Texas Instruments PCI4451 Datasheet HTML 23Page - Texas Instruments PCI4451 Datasheet HTML 24Page - Texas Instruments PCI4451 Datasheet HTML 25Page - Texas Instruments PCI4451 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 216 page
background image
2–4
Table 2–2. CardBus PC Card Signal Names Sorted Alphanumerically to GFN Terminal Number
SIGNAL NAME
TERM.
SIGNAL NAME
TERM.
SIGNAL NAME
TERM.
SIGNAL NAME
TERM.
SIGNAL NAME
TERM.
NO.
SIGNAL NAME
TERM.
NO.
SIGNAL NAME
TERM.
NO.
SIGNAL NAME
TERM.
NO.
A_CAD0
B8
A_CFRAME
G4
AD26
M17
B_CC/BE3
C13
A_CAD1
A7
A_CGNT
C1
AD27
M18
B_CCD1
J20
A_CAD2
C8
A_CINT
L2
AD28
M19
B_CCD2
B10
A_CAD3
A6
A_CIRDY
E1
AD29
M20
B_CCLK
B17
A_CAD4
B7
A_CPAR
C2
AD30
L19
B_CCLKRUN
A10
A_CAD5
B6
A_CPERR
D3
AD31
L18
B_CDEVSEL
B18
A_CAD6
C7
A_CREQ
J3
B_CAD0
J19
B_CFRAME
A18
A_CAD7
D7
A_CRST
H2
B_CAD1
J17
B_CGNT
A19
A_CAD8
C6
A_CSERR
L3
B_CAD2
J18
B_CINT
A12
A_CAD9
C5
A_CSTOP
E4
B_CAD3
H19
B_CIRDY
D16
A_CAD10
B4
A_CSTSCHG
M2
B_CAD4
H20
B_CPAR
B20
A_CAD11
A3
A_CTRDY
E2
B_CAD5
G20
B_CPERR
B19
A_CAD12
C4
A_CVS1
L1
B_CAD6
H18
B_CREQ
B14
A_CAD13
D5
A_CVS2
G1
B_CAD7
F20
B_CRST
B15
A_CAD14
B2
A_RSVD
A5
B_CAD8
G18
B_CSERR
B11
A_CAD15
B3
A_RSVD
B1
B_CAD9
E20
B_CSTOP
A20
A_CAD16
A2
A_RSVD
P2
B_CAD10
G17
B_CSTSCHG
A11
A_CAD17
F1
AD0
V13
B_CAD11
F18
B_CTRDY
C17
A_CAD18
G3
AD1
Y14
B_CAD12
E18
B_CVS1
B12
A_CAD19
G2
AD2
W14
B_CAD13
D20
B_CVS2
C15
A_CAD20
H3
AD3
Y15
B_CAD14
C20
B_RSVD
C9
A_CAD21
H1
AD4
W15
B_CAD15
D19
B_RSVD
C19
A_CAD22
J4
AD5
Y16
B_CAD16
E17
B_RSVD
G19
A_CAD23
J2
AD6
U14
B_CAD17
C16
C/BE0
W16
A_CAD24
K2
AD7
V15
B_CAD18
B16
C/BE1
V18
A_CAD25
K3
AD8
Y17
B_CAD19
A16
C/BE2
U20
A_CAD26
K1
AD9
V16
B_CAD20
D14
C/BE3
N18
A_CAD27
N1
AD10
W17
B_CAD21
A15
CLKRUN
K18
A_CAD28
N2
AD11
Y18
B_CAD22
C14
CLOCK
U12
A_CAD29
N3
AD12
U16
B_CAD23
A14
DATA
V12
A_CAD30
P1
AD13
V17
B_CAD24
A13
DEVSEL
U19
A_CAD31
R1
AD14
W18
B_CAD25
D12
FRAME
V20
A_CAUDIO
M1
AD15
Y19
B_CAD26
C12
GND
A1
A_CBLOCK
D2
AD16
T18
B_CAD27
C10
GND
D4
A_CC/BE0
A4
AD17
T19
B_CAD28
D10
GND
D8
A_CC/BE1
C3
AD18
T20
B_CAD29
A9
GND
D13
A_CC/BE2
F2
AD19
R18
B_CAD30
B9
GND
D17
A_CC/BE3
J1
AD20
P17
B_CAD31
D9
GND
H4
A_CCD1
A8
AD21
R19
B_CAUDIO
C11
GND
H17
A_CCD2
M4
AD22
R20
B_CBLOCK
C18
GND
N4
A_CCLK
E3
AD23
P18
B_CC/BE0
F19
GND
N17
A_CCLKRUN
M3
AD24
N19
B_CC/BE1
D18
GND
U4
A_CDEVSEL
D1
AD25
N20
B_CC/BE2
A17
GND
U8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com