| Electronic Components Datasheet Search |
|
PCI4451 Datasheet(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI4451 Datasheet(HTML) 35 Page - Texas Instruments |
|
35 / 216 page ![]() 2–17 Table 2–12. System Interrupt Terminals TERMINAL I/O FUNCTION NAME GFN NO. GJG NO. I/O FUNCTION INTA (MFUNC0) W11 W10 I/O Parallel PCI interrupt. INTA can be mapped to MFUNC0 when parallel PCI interrupts are used. See Section 3.5, Programmable Interrupt Subsystem, for details on interrupt signaling. MFUNC0/INTA defaults to a general-purpose input. INTB (MFUNC1) Y11 P10 I/O Parallel PCI interrupt. INTB can be mapped to MFUNC1 when parallel PCI interrupts are used. See Section 3.5, Programmable Interrupt Subsystem, for details on interrupt signaling. MFUNC1/INTB defaults to a general-purpose input. INTC (MFUNC2) Y10 P9 I/O Parallel PCI interrupt. INTC can be mapped to MFUNC2 when parallel PCI interrupts are used. See Section 3.5, Programmable Interrupt Subsystem, for details on interrupt signaling. MFUNC2/INTC defaults to a general-purpose input. IRQSER W13 P12 I/O Serial interrupt signal. IRQSER provides the IRQSER-style serial interrupting scheme. Serialized PCI interrupts can also be sent in the IRQSER stream. See Section 3.5, Programmable Interrupt Subsystem, for details on interrupt signaling. MFUNC6 MFUNC5 MFUNC4 MFUNC3 MFUNC2 MFUNC1 MFUNC0 Y4 V5 W9 V10 Y10 Y11 W11 R5 W5 T9 R9 P9 P10 W10 O Interrupt request/secondary functions multiplexed. The primary function of these terminals is to provide programmable options supported by the PCI4451. These interrupt multiplexer outputs can be mapped to various functions. All of these terminals have secondary functions, such as PCI interrupts, PC/PCI DMA, OHCI LEDs, GPE request/grant, ring indicate output, and zoomed video status, that can be selected with the appropriate programming of this register. When the secondary functions are enabled, the respective terminals are not available for multifunction routing. See Section 4.36, Multifunction Routing Status Register, for programming options. RI_OUT/PME Y13 R11 O Ring indicate out and power management event output. Terminal provides an output to the system for ring-indicate or PME signals. Alternately, RI_OUT can be routed on MFUNC7. Table 2–13. PC/PCI DMA Terminals TERMINAL I/O FUNCTION NAME GFN NO. GJG NO. I/O FUNCTION PCGNT (MFUNC2) PCGNT (MFUNC3) Y10 V10 P9 R9 I/O PC/PCI DMA grant. PCGNT is used to grant the DMA channel to a requester in a system supporting the PC/PCI DMA scheme. PCGNT is available on MFUNC2 or MFUNC3. This terminal is also used for the serial EEPROM interface. PCREQ (MFUNC7) PCREQ (MFUNC4) PCREQ (MFUNC0) P20 W9 W11 N19 T9 W10 O PC/PCI DMA request. PCREQ is used to request DMA transfers as DREQ in a system supporting the PC/PCI DMA scheme. PCREQ is available on MFUNC7, MFUNC4, or MFUNC0. This terminal is also used for the serial EEPROM interface. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |