Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 20Page - Texas Instruments PCI4451 Datasheet HTML 21Page - Texas Instruments PCI4451 Datasheet HTML 22Page - Texas Instruments PCI4451 Datasheet HTML 23Page - Texas Instruments PCI4451 Datasheet HTML 24Page - Texas Instruments PCI4451 Datasheet HTML 25Page - Texas Instruments PCI4451 Datasheet HTML 26Page - Texas Instruments PCI4451 Datasheet HTML 27Page - Texas Instruments PCI4451 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 216 page
background image
2–6
Table 2–3. 16-Bit PC Card Signal Names Sorted Alphanumerically to GFN Terminal Number
SIGNAL NAME
TERM.
SIGNAL NAME
TERM.
SIGNAL NAME
TERM.
SIGNAL NAME
TERM.
SIGNAL NAME
TERM.
NO.
SIGNAL NAME
TERM.
NO.
SIGNAL NAME
TERM.
NO.
SIGNAL NAME
TERM.
NO.
A_ADDR0
K1
A_DATA11
C8
AD26
M17
B_DATA5
H19
A_ADDR1
K3
A_DATA12
B7
AD27
M18
B_DATA6
G20
A_ADDR2
K2
A_DATA13
C7
AD28
M19
B_DATA7
F20
A_ADDR3
J2
A_DATA14
A5
AD29
M20
B_DATA8
D10
A_ADDR4
J4
A_DATA15
C6
AD30
L19
B_DATA9
B9
A_ADDR5
H1
A_INPACK
J3
AD31
L18
B_DATA10
D9
A_ADDR6
H3
A_IORD
D5
B_ADDR0
C12
B_DATA11
J18
A_ADDR7
G3
A_IOWR
B3
B_ADDR1
D12
B_DATA12
H20
A_ADDR8
C3
A_OE
A3
B_ADDR2
A13
B_DATA13
H18
A_ADDR9
B2
A_READY(IREQ)
L2
B_ADDR3
A14
B_DATA14
G19
A_ADDR10
C5
A_REG
J1
B_ADDR4
C14
B_DATA15
G18
A_ADDR11
C4
A_RESET
H2
B_ADDR5
A15
B_INPACK
B14
A_ADDR12
F2
A_VS1
L1
B_ADDR6
D14
B_IORD
D20
A_ADDR13
C2
A_VS2
G1
B_ADDR7
B16
B_IOWR
D19
A_ADDR14
D3
A_WAIT
L3
B_ADDR8
D18
B_OE
F18
A_ADDR15
E1
A_WE
C1
B_ADDR9
C20
B_READY(IREQ)
A12
A_ADDR16
E3
A_WP(IOIS16)
M3
B_ADDR10
E20
B_REG
C13
A_ADDR17
A2
AD0
V13
B_ADDR11
E18
B_RESET
B15
A_ADDR18
B1
AD1
Y14
B_ADDR12
A17
B_VS1
B12
A_ADDR19
D2
AD2
W14
B_ADDR13
B20
B_VS2
C15
A_ADDR20
E4
AD3
Y15
B_ADDR14
B19
B_WAIT
B11
A_ADDR21
D1
AD4
W15
B_ADDR15
D16
B_WE
A19
A_ADDR22
E2
AD5
Y16
B_ADDR16
B17
B_WP(IOIS16)
A10
A_ADDR23
G4
AD6
U14
B_ADDR17
E17
C/BE0
W16
A_ADDR24
F1
AD7
V15
B_ADDR18
C19
C/BE1
V18
A_ADDR25
G2
AD8
Y17
B_ADDR19
C18
C/BE2
U20
A_BVD1(STSCHG/RI)
M2
AD9
V16
B_ADDR20
A20
C/BE3
N18
A_BVD2(SPKR)
M1
AD10
W17
B_ADDR21
B18
CLKRUN
K18
A_CD1
A8
AD11
Y18
B_ADDR22
C17
CLOCK
U12
A_CD2
M4
AD12
U16
B_ADDR23
A18
DATA
V12
A_CE1
A4
AD13
V17
B_ADDR24
C16
DEVSEL
U19
A_CE2
B4
AD14
W18
B_ADDR25
A16
FRAME
V20
A_DATA0
N1
AD15
Y19
B_BVD1(STSCHG/RI)
A11
GND
A1
A_DATA1
N3
AD16
T18
B_BVD2(SPKR)
C11
GND
D4
A_DATA2
P2
AD17
T19
B_CD1
J20
GND
D8
A_DATA3
B8
AD18
T20
B_CD2
B10
GND
D13
A_DATA4
A7
AD19
R18
B_CE1
F19
GND
D17
A_DATA5
A6
AD20
P17
B_CE2
G17
GND
H4
A_DATA6
B6
AD21
R19
B_DATA0
C10
GND
H17
A_DATA7
D7
AD22
R20
B_DATA1
A9
GND
N4
A_DATA8
N2
AD23
P18
B_DATA2
C9
GND
N17
A_DATA9
P1
AD24
N19
B_DATA3
J19
GND
U4
A_DATA10
R1
AD25
N20
B_DATA4
J17
GND
U8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com