Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 32 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 28Page - Texas Instruments PCI4451 Datasheet HTML 29Page - Texas Instruments PCI4451 Datasheet HTML 30Page - Texas Instruments PCI4451 Datasheet HTML 31Page - Texas Instruments PCI4451 Datasheet HTML 32Page - Texas Instruments PCI4451 Datasheet HTML 33Page - Texas Instruments PCI4451 Datasheet HTML 34Page - Texas Instruments PCI4451 Datasheet HTML 35Page - Texas Instruments PCI4451 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 216 page
background image
2–14
The terminals are grouped in tables by functionality such as PCI system function, power supply function, etc., for quick
reference (see Table 2–7 through Table 2–21). The terminal names and numbers are also listed for convenient
reference.
Table 2–7. Power Supply Terminals
TERMINAL
FUNCTION
NAME
GFN NO.
GJG NO.
FUNCTION
GND
A1, D4, D8, D13, D17, H4, H17,
N4, N17, U4, U8, U13, U17
A3, A16, C1, D8, F12, G1,
G19, M2, N16, T4, T7, V14,
W12
Device ground terminals
VCC
D6, D11, D15, F4, F17, K4, L17,
R4, R17, U6, U10, U15
A11, D14, E1, E6, E19, J14,
P1, P15, T5, V10, V13
Power supply terminal for core logic (3.3 Vdc)
VCCA
B5, F3, L4
B6, F1, K5
Clamp voltage for PC Card A interface. Indicates Card A
signaling environment.
VCCB
B13, E19
B12, F18
Clamp voltage for PC Card B interface. Indicates Card B
signaling environment.
VCCP
P19, V14
N18, W13
Clamp voltage for PCI signaling (3.3 Vdc or 5 Vdc)
Table 2–8. PC Card Power Switch Terminals
TERMINAL
I/O
FUNCTION
NAME
GFN NO.
GJG NO.
I/O
FUNCTION
CLOCK
U12
T11
I/O
3-line power switch clock. Information on the DATA line is sampled at the rising edge of
CLOCK. This terminal defaults as an input which means an external clock source must
be used. If the internal ring oscillator is used, then an external CLOCK source is not
required. The internal oscillator may be enabled by setting bit 27 (P2CCLK) of the system
control register (PCI offset 80h, see Section 4.28) to a 1b.
A 43 k
W pulldown resistor should be tied to this terminal.
DATA
V12
V11
O
3-line power switch data. DATA is used to serially communicate socket power-control
information to the power switch.
LATCH
W12
W11
O
3-line power switch latch. LATCH is asserted by the PCI4451 to indicate to the PC Card
power switch that the data on the DATA line is valid.
Table 2–9. PCI System Terminals
TERMINAL
I/O
FUNCTION
NAME
GFN NO.
GJG NO.
I/O
FUNCTION
CLKRUN
K18
K18
I/O
PCI clock run. CLKRUN is used by the central resource to request permission to stop the
PCI clock or to slow it down, and the PCI4451 responds accordingly. If CLKRUN is not
implemented, then this terminal should be tied low. CLKRUN is enabled by default by bit 1
(KEEPCLK) in the system control register (PCI offset 80h, see Section 4.28).
PCLK
K17
K15
I
PCI bus clock. PCLK provides timing for all transactions on the PCI bus. All PCI signals are
sampled at the rising edge of PCLK.
PRST
K19
K19
I
PCI bus reset. When the PCI bus reset is asserted, PRST causes the PCI4451 to place all
output buffers in a high-impedance state and reset all internal registers. When PRST is
asserted, the device is completely nonfunctional. After PRST is deasserted, the PCI4451 is
in its default state. When the SUSPEND mode is enabled, the device is protected from the
PRST and the internal registers are preserved. All outputs are placed in a high-impedance
state, but the contents of the registers are preserved.
GRST
Y12
P11
I
Global reset. When the global reset is asserted, the GRST signal causes the PCI4451 to
place all output buffers in a high-impedance state and reset all internal registers. When
GRST is asserted, the device is completely in its default state. For systems that require
wake-up from D3, GRST will normally be asserted only during initial boot. PRST should be
asserted following initial boot so that PME context is retained when transitioning from D3 to
D0. For systems that do not require wake-up from D3, GRST should be tied to PRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com