| Electronic Components Datasheet Search |
|
PCI4451 Datasheet(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI4451 Datasheet(HTML) 37 Page - Texas Instruments |
|
37 / 216 page ![]() 2–19 Table 2–15. Miscellaneous Terminals TERMINAL NAME GFN NO. GJG NO. I/O FUNCTION MFUNC0 W11 W10 I/O Multifunction terminal 0. Defaults as a general-purpose input (GPI0), and can be programmed to perform various functions. See Section 4.36, Multifunction Routing Status Register, for configuration details. MFUNC1 Y11 P10 I/O Multifunction terminal 1. Defaults as a general-purpose input (GPI1), and can be programmed to perform various functions. See Section 4.36, Multifunction Routing Status Register, for configuration details. MFUNC2 Y10 P9 I/O Multifunction terminal 2. Defaults as a general-purpose input (GPI2), and can be programmed to perform various functions. See Section 4.36, Multifunction Routing Status Register, for configuration details. MFUNC3 V10 R9 I/O Multifunction terminal 3. Defaults as a general-purpose input (GPI3), and can be programmed to perform various functions. See Section 4.36, Multifunction Routing Status Register, for configuration details. MFUNC4 W9 T9 I/O Multifunction terminal 4. Defaults as a high-impedance reserved input, and can be programmed to perform various functions. See Section 4.36, Multifunction Routing Status Register, for configuration details. MFUNC5 V5 W5 I/O Multifunction terminal 5. Defaults as a high-impedance reserved input, and can be programmed to perform various functions. See Section 4.36, Multifunction Routing Status Register, for configuration details. MFUNC6 Y4 R5 I/O Multifunction terminal 6. Defaults as a high-impedance reserved input, and can be programmed to perform various functions. See Section 4.36, Multifunction Routing Status Register, for configuration details. IDSEL/MFUNC7 P20 N19 I/O IDSEL and multifunction terminal 7. Defaults as IDSEL, but may be used as a multifunction terminal. See Section 4.36, Multifunction Routing Status Register and Section 3.4, PC Card Applications Overview, for configuration details. SCL W10 V9 I/O Serial ROM clock. This terminal provides the SCL serial clock signaling in a two-wire serial ROM implementation, and is sensed at reset for serial ROM detection. SDA Y9 W9 I/O Serial ROM data. This terminal provides the SDA serial data signaling in a two-wire serial ROM implementation. SPKROUT V11 T10 O Speaker output. SPKROUT is the output to the host system that can carry SPKR or CAUDIO through the PCI4451 from the PC Card interface. SPKROUT is driven as the XOR combination of card SPKR//CAUDIO inputs. SUSPEND U11 R10 I Suspend. SUSPEND is used to protect the internal registers from clearing when PRST is asserted. See Section 3.6.6, Suspend Mode for details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |