Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 96 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 96 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 92Page - Texas Instruments PCI4451 Datasheet HTML 93Page - Texas Instruments PCI4451 Datasheet HTML 94Page - Texas Instruments PCI4451 Datasheet HTML 95Page - Texas Instruments PCI4451 Datasheet HTML 96Page - Texas Instruments PCI4451 Datasheet HTML 97Page - Texas Instruments PCI4451 Datasheet HTML 98Page - Texas Instruments PCI4451 Datasheet HTML 99Page - Texas Instruments PCI4451 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 216 page
background image
4–28
4.37 Retry Status Register
The contents of the retry status register enable the retry time-out counters and display the retry expiration status. The
flags are set when the PCI4451 retries a PCI or CardBus master request, and the master does not return within 215
PCI clock cycles. The flags are cleared by writing a 1 to the bit. These bits are expected to be incorporated into the
PCI command register, status register, and bridge control register (offset 3Eh, see Section 4.24) by the PCI SIG.
Access this register only through function 0. See Table 4–16 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Retry status
Type
R/W
R/W
RC
R
RC
R
RC
R
Default
1
1
0
0
0
0
0
0
Register:
Retry status
Type:
Read-only, Read/Write, Read/Clear
Offset:
90h (Functions 0, 1)
Default:
C0h
Table 4–16. Retry Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
7
PCIRETRY
R/W
PCI retry time-out counter enable. This bit is encoded as:
0 = PCI retry counter disabled
1 = PCI retry counter enabled (default)
6§
CBRETRY
R/W
CardBus retry time-out counter enable. This bit is encoded as:
0 = CardBus retry counter disabled
1 = CardBus retry counter enabled (default)
5
TEXP_CBB
RC
CardBus target B retry expired. Write a 1 to clear this bit.
0 = Inactive (default)
1 = Retry has expired.
4
RSVD
R
Reserved. This bit returns 0 when read.
3§
TEXP_CBA
RC
CardBus target A retry expired. Write a 1 to clear this bit.
0 = Inactive (default)
1 = Retry has expired.
2
RSVD
R
Reserved. This bit returns 0 when read.
1
TEXP_PCI
RC
PCI target retry expired. Write a 1 to clear this bit.
0 = Inactive (default)
1 = Retry has expired.
0
RSVD
R
Reserved. This bit returns 0 when read.
§ These bits are global in nature and should be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com