Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 98 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 98 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 94Page - Texas Instruments PCI4451 Datasheet HTML 95Page - Texas Instruments PCI4451 Datasheet HTML 96Page - Texas Instruments PCI4451 Datasheet HTML 97Page - Texas Instruments PCI4451 Datasheet HTML 98Page - Texas Instruments PCI4451 Datasheet HTML 99Page - Texas Instruments PCI4451 Datasheet HTML 100Page - Texas Instruments PCI4451 Datasheet HTML 101Page - Texas Instruments PCI4451 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 216 page
background image
4–30
4.39 Device Control Register
The device control register is provided for PCI1130 compatibility. It contains bits which are shared between functions
0 and 1. The interrupt mode select is programmed through this register. The socket capable force bits are also
programmed through this register. See Table 4–18 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Device control
Type
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
Default
0
1
1
0
0
1
1
0
Register:
Device control
Type:
Read-only, Read/Write
Offset:
92h (Functions 0, 1)
Default:
66h
Table 4–18. Device Control Register Description
BIT
SIGNAL
TYPE
FUNCTION
7
SKTPWR_LOCK
R/W
Socket power lock bit. When this bit is set to 1, software will not be able to power down the PC Card
socket while in D3. This may be necessary to support Wake on LAN or RING if the operating system
is programmed to power down a socket when the CardBus controller is placed in the D3 state.
6§
3VCAPABLE
R/W
3-V socket capable force bit.
0 = Not 3-V capable
1 = 3-V capable (default)
5
IO16R2
R/W
Diagnostic bit. This bit defaults to 1.
4
RSVD
R
Reserved. This bit returns 0 when read. A write has no effect.
3§
TEST
R/W
TI test bit. Write only 0 to this bit. This bit can be set to shorten the interrogation counter.
2–1§
INTMODE
R/W
Interrupt mode. These bits select the interrupt signaling mode. The interrupt mode bits are encoded:
00 = Parallel PCI interrupts only
01 = Reserved
10 = IRQ serialized interrupts and parallel PCI interrupts INTA and INTB
11 = IRQ & PCI serialized interrupts (default)
0§
RSVD
R/W
Reserved. NAND tree enable bit. There is a NAND tree diagnostic structure in the PCI4451, and it tests
only the pins that are inputs or I/Os. Any output-only terminal on the PCI4451 is excluded from the
NAND tree test.
§ These bits are global in nature and should be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com