Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 28 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 24Page - Texas Instruments PCI4451 Datasheet HTML 25Page - Texas Instruments PCI4451 Datasheet HTML 26Page - Texas Instruments PCI4451 Datasheet HTML 27Page - Texas Instruments PCI4451 Datasheet HTML 28Page - Texas Instruments PCI4451 Datasheet HTML 29Page - Texas Instruments PCI4451 Datasheet HTML 30Page - Texas Instruments PCI4451 Datasheet HTML 31Page - Texas Instruments PCI4451 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 216 page
background image
2–10
Table 2–5. CardBus PC Card Signal Names Sorted Alphanumerically to GJG Terminal Number
SIGNAL NAME
TERM.
NO.
SIGNAL NAME
TERM.
NO.
SIGNAL NAME
TERM.
NO.
SIGNAL NAME
TERM.
NO.
A_CAD0
A8
A_CFRAME
F2
AD26
M16
B_CC/BE3
A12
A_CAD1
E8
A_CGNT
E4
AD27
M15
B_CCD1
J19
A_CAD2
B8
A_CINT
K2
AD28
L16
B_CCD2
D10
A_CAD3
A7
A_CIRDY
F4
AD29
L19
B_CCLK
A17
A_CAD4
G7
A_CPAR
B1
AD30
L18
B_CCLKRUN
B10
A_CAD5
D7
A_CPERR
D1
AD31
L15
B_CDEVSEL
A18
A_CAD6
B7
A_CREQ
J4
B_CAD0
J18
B_CFRAME
D15
A_CAD7
F7
A_CRST
H2
B_CAD1
J15
B_CGNT
B18
A_CAD8
A6
A_CSERR
K4
B_CAD2
J16
B_CINT
E11
A_CAD9
F6
A_CSTOP
D2
B_CAD3
H19
B_CIRDY
B16
A_CAD10
A5
A_CSTSCHG
L1
B_CAD4
H14
B_CPAR
C19
A_CAD11
B5
A_CTRDY
F5
B_CAD5
H16
B_CPERR
C18
A_CAD12
A4
A_CVS1
K1
B_CAD6
H18
B_CREQ
A13
A_CAD13
D5
A_CVS2
H6
B_CAD7
G13
B_CRST
F13
A_CAD14
D4
A_RSVD
B2
B_CAD8
G18
B_CSERR
F11
A_CAD15
B4
A_RSVD
E7
B_CAD9
G15
B_CSTOP
B19
A_CAD16
B3
A_RSVD
M5
B_CAD10
G14
B_CSTSCHG
A10
A_CAD17
G5
AD0
V12
B_CAD11
F19
B_CTRDY
B17
A_CAD18
G2
AD1
T12
B_CAD12
F15
B_CVS1
B11
A_CAD19
G4
AD2
R12
B_CAD13
F16
B_CVS2
A14
A_CAD20
H1
AD3
N13
B_CAD14
E18
B_RSVD
D9
A_CAD21
H4
AD4
T13
B_CAD15
F14
B_RSVD
D18
A_CAD22
H5
AD5
R13
B_CAD16
E16
B_RSVD
H15
A_CAD23
J1
AD6
P13
B_CAD17
A15
C/BE0
T14
A_CAD24
J5
AD7
W14
B_CAD18
B15
C/BE1
T16
A_CAD25
J6
AD8
R14
B_CAD19
E14
C/BE2
R16
A_CAD26
K6
AD9
P14
B_CAD20
B14
C/BE3
M14
A_CAD27
L5
AD10
W15
B_CAD21
E13
CLKRUN
K18
A_CAD28
M6
AD11
V15
B_CAD22
B13
CLOCK
T11
A_CAD29
M1
AD12
T15
B_CAD23
D13
DATA
V11
A_CAD30
M4
AD13
W16
B_CAD24
D12
DEVSEL
U19
A_CAD31
N7
AD14
V16
B_CAD25
E12
FRAME
T18
A_CAUDIO
L6
AD15
W17
B_CAD26
D11
GND
A3
A_CBLOCK
C2
AD16
R15
B_CAD27
E10
GND
A16
A_CC/BE0
D6
AD17
R19
B_CAD28
F9
GND
C1
A_CC/BE1
A2
AD18
R18
B_CAD29
A9
GND
D8
A_CC/BE2
G6
AD19
P16
B_CAD30
B9
GND
F12
A_CC/BE3
J2
AD20
P19
B_CAD31
E9
GND
G1
A_CCD1
F8
AD21
P18
B_CAUDIO
F10
GND
G19
A_CCD2
L4
AD22
N14
B_CBLOCK
D16
GND
M2
A_CCLK
E2
AD23
N15
B_CC/BE0
G16
GND
N16
A_CCLKRUN
L2
AD24
M19
B_CC/BE1
D19
GND
T4
A_CDEVSEL
E5
AD25
M18
B_CC/BE2
E15
GND
T7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com