Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 99 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 99 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 95Page - Texas Instruments PCI4451 Datasheet HTML 96Page - Texas Instruments PCI4451 Datasheet HTML 97Page - Texas Instruments PCI4451 Datasheet HTML 98Page - Texas Instruments PCI4451 Datasheet HTML 99Page - Texas Instruments PCI4451 Datasheet HTML 100Page - Texas Instruments PCI4451 Datasheet HTML 101Page - Texas Instruments PCI4451 Datasheet HTML 102Page - Texas Instruments PCI4451 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 216 page
background image
4–31
4.40 Diagnostic Register
The diagnostic register is provided for internal Texas Instruments test purposes. See Table 4–19 for a complete
description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Diagnostic
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
1
1
0
0
0
0
1
Register:
Diagnostic
Type:
Read/Write
Offset:
93h (Functions 0, 1)
Default:
61h
Table 4–19. Diagnostic Register Description
BIT
SIGNAL
TYPE
FUNCTION
7§
TRUE_VAL
R/W
This bit defaults to 0. This bit is encoded as:
0 = Reads true values in PCI vendor ID and PCI device ID registers (default).
1 = Reads all ones in reads to the PCI vendor ID and PCI device ID registers.
6
RSVD
R/W
Reserved.
5
CSC
R/W
CSC interrupt routing control
0 = CSC interrupts routed to PCI if ExCA 803 bit 4 = 1.
1 = CSC Interrupts routed to PCI if ExCA 805 bits 7–4 = 0000b (default). In this case, the setting of
ExCA 803 bit 4 is a don’t care.
4§
DIAG
R/W
Diagnostic RETRY_DIS. Delayed transaction disable.
3§
DIAG
R/W
Diagnostic RETRY_EXT. Extends the latency from 16 to 64.
2§
DIAG
R/W
Diagnostic DISCARD_TIM_SEL_CB. Set = 210, Reset = 215
1§
DIAG
R/W
Diagnostic DISCARD_TIM_SEL_PCI. Set = 210, Reset = 215
0§
ASYNC_CSC
R/W
Asynchronous interrupt generation.
0 = CSC interrupt not generated asynchronously
1 = CSC interrupt is generated asynchronously (default)
§ These bits are global in nature and should be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com