Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 85 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 85 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 81Page - Texas Instruments PCI4451 Datasheet HTML 82Page - Texas Instruments PCI4451 Datasheet HTML 83Page - Texas Instruments PCI4451 Datasheet HTML 84Page - Texas Instruments PCI4451 Datasheet HTML 85Page - Texas Instruments PCI4451 Datasheet HTML 86Page - Texas Instruments PCI4451 Datasheet HTML 87Page - Texas Instruments PCI4451 Datasheet HTML 88Page - Texas Instruments PCI4451 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 216 page
background image
4–17
4.28 System Control Register
System level initializations are performed through programming this doubleword register. Some of the bits are global
in nature and should be accessed only through function 0. See Table 4–7 for a complete description of the register
contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
System control
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
1
0
0
0
1
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
System control
Type
R/W
R/W
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R
R/W
R/W
Default
1
0
0
1
0
0
0
0
0
1
1
0
0
0
0
0
Register:
System control
Type:
Read-only, Read/Write
Offset:
80h (Functions 0, 1)
Default:
0000 0020h
Table 4–7. System Control Register Description
BIT
SIGNAL
TYPE
FUNCTION
31–30§
SER_STEP
R/W
Serialized PCI interrupt routing step. These bits are used to configure the serialized PCI interrupt stream
signaling and accomplish an even distribution of interrupts signaled on the four PCI interrupt slots. These
bits are global to both PCI4451 functions.
00 = INTA/INTB/INTC signal in INTA/INTB/INTC slots (default)
01 = INTA/INTB/INTC signal in INTB/INTC/INTD slots
10 = INTA/INTB/INTC signal in INTC/INTD/INTA slots
11 = INTA/INTB/INTC signal in INTD/INTA/INTB slots
29§
INTRTIE
R/W
Tie internal PCI interrupts. When this bit is set, the INTA and INTB signals are tied together internally and
are signaled as INTA. INTA may then be shifted by using the SER_STEP bits. This bit is global to both
PCI4451 functions. This bit has no effect on INTC.
0 = INTA and INTB are not tied together internally (default).
1 = INTA and INTB are tied together internally.
28
TIEALL
R/W
This bit ties INTA, INTB, and INTC internally (to INTA) and reports this through the interrupt pin register
(offset 3Dh, see Section 4.23).
27§
P2CCLK
R/W
P2C power switch CLOCK. This bit determines whether the CLOCK terminal (GFN terminal U12, GJG
terminal T11) is an input that requires an external clock source or if this terminal is an output that uses the
internal oscillator. Bit 27 can be set to enable the PCI4451 to generate and drive CLOCK from the PCI
clock.
0 = CLOCK privided externally, input to PCI4451 (default)
1 = CLOCK generated by PCI clock and driven by PCI4451
A 43-k
W pulldown resistor should be tied to this terminal.
26§
SMIROUTE
R/W
SMI interrupt routing. This bit is shared between functions 0 and 1, and selects whether IRQ2 or CSC is
signaled when a write occurs to power a PC Card socket.
0 = PC Card power change interrupts routed to IRQ2 (default).
1 = A CSC interrupt is generated on PC Card power changes.
25
SMISTATUS
R/W
SMI interrupt status. This socket-dependent bit is set when a write occurs to set the socket power, and
the SMIENB bit is set. Writing a 1 to this bit clears the status.
0 = SMI interrupt is signaled.
1 = SMI interrupt is not signaled.
24§
SMIENB
R/W
SMI interrupt mode enable. When this bit is set, the SMI interrupt signaling generates an interrupt when
a write to the socket power control occurs. This bit is shared and defaults to 0 (disabled).
0 = SMI interrupt mode is disabled (default).
1 = SMI interrupt mode is enabled.
§ These bits are global in nature and should be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com