Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 83 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 83 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 79Page - Texas Instruments PCI4451 Datasheet HTML 80Page - Texas Instruments PCI4451 Datasheet HTML 81Page - Texas Instruments PCI4451 Datasheet HTML 82Page - Texas Instruments PCI4451 Datasheet HTML 83Page - Texas Instruments PCI4451 Datasheet HTML 84Page - Texas Instruments PCI4451 Datasheet HTML 85Page - Texas Instruments PCI4451 Datasheet HTML 86Page - Texas Instruments PCI4451 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 216 page
background image
4–15
Table 4–6. Bridge Control Register Description (Continued)
BIT
SIGNAL
TYPE
FUNCTION
0
CPERREN
R/W
CardBus parity error response enable. This bit controls the response of the PCI4451 to CardBus parity
errors. This bit is separate for each socket.
0 = CardBus parity errors are ignored (default).
1 = CardBus parity errors are reported using CPERR.
4.25 Subsystem Vendor ID Register
The subsystem vendor ID register, used for system and option card identification purposes, may be required for
certain operating systems. This register is read-only or read/write, depending on the setting of bit 5 (SUBSYSRW)
in the system control register (offset 80h, See Section 4.28). When bit 5 is 0, this register is read/write; when bit 5
is 1, this register is read-only. The default mode is read-only.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem vendor ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Subsystem vendor ID
Type:
Read-only, (Read/Write when bit 5 in the system control register is 0)
Offset:
40h (Functions 0, 1)
Default:
0000h
4.26 Subsystem ID Register
The subsystem ID register, used for system and option card identification purposes, may be required for certain
operating systems. This register is read-only or read/write, depending on the setting of bit 5 (SUBSYSRW) in the
system control register (offset 80h, See Section 4.28). When bit 5 is 0, this register is read/write; when bit 5 is 1, this
register is read-only. The default mode is read-only.
If an EEPROM is present, then the subsystem ID and subsystem vendor ID will be loaded from EEPROM after a reset.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Subsystem ID
Type:
Read-only, (Read/Write when bit 5 in the system control register is 0)
Offset:
42h (Functions 0, 1)
Default:
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com