Electronic Components Datasheet Search
  English  ▼

X  

PCI4451 Datasheet(PDF) 40 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 36Page - Texas Instruments PCI4451 Datasheet HTML 37Page - Texas Instruments PCI4451 Datasheet HTML 38Page - Texas Instruments PCI4451 Datasheet HTML 39Page - Texas Instruments PCI4451 Datasheet HTML 40Page - Texas Instruments PCI4451 Datasheet HTML 41Page - Texas Instruments PCI4451 Datasheet HTML 42Page - Texas Instruments PCI4451 Datasheet HTML 43Page - Texas Instruments PCI4451 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 216 page
background image
2–22
Table 2–17. 16-Bit PC Card Interface Control (slots A and B) (Continued)
TERMINAL
GFN NO.
GJG NO.
I/O
FUNCTION
NAME
SLOT
A†
SLOT
B‡
SLOT
A†
SLOT
B‡
I/O
FUNCTION
OE
A3
F18
B5
F19
O
Output enable. OE is driven low by the PCI4451 to enable 16-bit memory PC Card
data output during host memory read cycles.
DMA terminal count. OE is used as terminal count (TC) during DMA operations to
a 16-bit PC Card that supports DMA. The PCI4451 asserts OE to indicate TC for
a DMA write operation.
READY
(IREQ)
L2
A12
K2
E11
I
Ready. The ready function is provided by READY when the 16-bit PC Card and the
host socket are configured for the memory-only interface. READY is driven low by
the 16-bit memory PC Cards to indicate that the memory card circuits are busy
processing a previous write command. READY is driven high when the 16-bit
memory PC Card is ready to accept a new data transfer command.
Interrupt request. IREQ is asserted by a 16-bit I/O PC Card to indicate to the host
that a device on the 16-bit I /O PC Card requires service by the host software. IREQ
is high (deasserted) when no interrupt is requested.
REG
J1
C13
J2
A12
O
Attribute memory select. REG remains high for all common memory accesses.
When REG is asserted, access is limited to attribute memory (OE or WE active) and
to the I/O space (IORD or IOWR active). Attribute memory is a separately accessed
section of card memory and is generally used to record card capacity and other
configuration and attribute information.
DMA acknowledge. REG is used as a DMA acknowledge (DACK) during DMA
operations to a 16-bit PC Card that supports DMA. The PCI4451 asserts REG to
indicate a DMA operation. REG is used in conjunction with the DMA read (IOWR)
or DMA write (IORD) strobes to transfer data.
RESET
H2
B15
H2
F13
O
PC Card reset. RESET forces a hard reset to a 16-bit PC Card.
WAIT
L3
B11
K4
F11
I
Bus cycle wait. WAIT is driven by a 16-bit PC Card to delay the completion of (i.e.,
extend) the memory or I/O cycle in progress.
WE
C1
A19
E4
B18
O
Write enable. WE is used to strobe memory write data into 16-bit memory PC Cards.
WE is also used for memory PC Cards that employ programmable memory
technologies.
DMA terminal count. WE is used as TC during DMA operations to a 16-bit PC Card
that supports DMA. The PCI4451 asserts WE to indicate TC for a DMA read
operation.
WP
(IOIS16)
M3
A10
L2
B10
I
Write protect. WP applies to 16-bit memory PC Cards. WP reflects the status of the
write-protect switch on 16-bit memory PC Cards. For 16-bit I/O cards, WP is used
for the 16-bit port (IOIS16) function.
I/O is 16 bits. IOIS16 applies to 16-bit I/O PC Cards. IOIS16 is asserted by the 16-bit
PC Card when the address on the bus corresponds to an address to which the 16-bit
PC Card responds, and the I/O port that is addressed is capable of 16-bit accesses.
DMA request. WP can be used as the DMA request signal during DMA operations
to a 16-bit PC Card that supports DMA. If used, the PC Card asserts WP to indicate
a request for a DMA operation.
VS1
VS2
L1
G1
B12
C15
K1
H6
B11
A14
I/O
Voltage sense 1 and voltage sense 2. VS1 and VS2, when used in conjunction
with each other, determine the operating voltage of the 16-bit PC Card.
† Terminal name for slot A is preceded with A_. For example, the full name for terminal C1 is A_WE.
‡ Terminal name for slot B is preceded with B_. For example, the full name for terminal A19 is B_WE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com