Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 33Page - Renesas Technology Corp M3885 Datasheet HTML 34Page - Renesas Technology Corp M3885 Datasheet HTML 35Page - Renesas Technology Corp M3885 Datasheet HTML 36Page - Renesas Technology Corp M3885 Datasheet HTML 37Page - Renesas Technology Corp M3885 Datasheet HTML 38Page - Renesas Technology Corp M3885 Datasheet HTML 39Page - Renesas Technology Corp M3885 Datasheet HTML 40Page - Renesas Technology Corp M3885 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 103 page
background image
36
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
[I2C Data Shift Register (S0)] 001216
The I2C data shift register (S0) is an 8-bit shift register to store re-
ceive data and write transmit data.
When transmit data is written into this register, it is transferred to
the outside from bit 7 in synchronization with the SCL clock, and
each time one-bit data is output, the data of this register are
shifted by one bit to the left. When data is received, it is input to
this register from bit 0 in synchronization with the SCL clock, and
each time one-bit data is input, the data of this register are shifted
by one bit to the left. The minimum 2 cycles of
φ are required from
the rising of the SCL clock until input to this register.
The I2C data shift register is in a write enable status only when the
I2C-BUS interface enable bit (ES0 bit : bit 3 S1D) of the I2C con-
trol register is “1”. The bit counter is reset by a write instruction to
the I2C data shift register. When both the ES0 bit and the MST bit
of the I2C status register (S1) are “1”, the SCL is output by a write
instruction to the I2C data shift register. Reading data from the I2C
data shift register is always enabled regardless of the ES0 bit
value.
[I2C Address Register (S0D)] 001316
The I2C address register (S0D) consists of a 7-bit slave address and
_______
a read/write bit. In the addressing mode, the slave address written in
this register is compared with the address data to be received imme-
diately after the START condition is detected.
_________
•Bit 0: Read/write bit (RWB)
This is not used in the 7-bit addressing mode. In the 10-bit ad-
dressing mode, the first address data to be received is compared
with the contents (SAD6 to SAD0 + RWB) of the I2C address reg-
ister.
The RWB bit is cleared to “0” automatically when the stop condi-
tion is detected.
•Bits 1 to 7: Slave address (SAD0–SAD6)
These bits store slave addresses. Regardless of the 7-bit address-
ing mode and the 10-bit addressing mode, the address data
transmitted from the master is compared these bits.
Fig. 32 Structure of I2C address register
SAD6 SAD5 SAD4 SAD3 SAD2 SAD1 SAD0 RWB
Slave address
I2C address register
(S0D: address 001316)
Read/write bit
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com