Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 79Page - Renesas Technology Corp M3885 Datasheet HTML 80Page - Renesas Technology Corp M3885 Datasheet HTML 81Page - Renesas Technology Corp M3885 Datasheet HTML 82Page - Renesas Technology Corp M3885 Datasheet HTML 83Page - Renesas Technology Corp M3885 Datasheet HTML 84Page - Renesas Technology Corp M3885 Datasheet HTML 85Page - Renesas Technology Corp M3885 Datasheet HTML 86Page - Renesas Technology Corp M3885 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
82
Software Commands
Table 23 lists the software commands.
After setting the CPU reprogram mode select bit to “1”, write a soft-
ware command to specify an erase or program operation.
The content of each software command is explained below.
Read Array Command (FF16)
The read array mode is entered by writing the command code “FF16”
in the first bus cycle. When an address to be read is input in next bus
cycles, the content of the specified address is read out at the data
bus (D0–D7).
The read array mode is retained intact until another command is writ-
ten. And after power on and after recover from deep power down
mode, this mode is selected also.
Table 23 List of software commands (CPU rewrite mode)
Read Status Register Command (7016)
When the command code “7016” is written in the first bus cycle, the
content of the status register is read out at the data bus (D0–D7) by a
read in the second bus cycle.
The status register is explained in the next section.
Clear Status Register Command (5016)
This command is used to clear the bits SR1,SR4 and SR5 of the
status register after they have been set. These bits indicate that op-
eration has ended in an error. To use this command, write the com-
mand code “5016” in the first bus cycle.
Command
Program
Clear status register
Read array
Read status register
X
X
X
X
First bus cycle
Second bus cycle
FF16
7016
5016
4016
Write
Write
Write
Write
XSRD
Read
Write
(Note 1)
WA (Note 2) WD (Note 2)
Block erase
X
2016
Write
D016
WriteBA (Note 3)
ModeAddress
Mode
Address
Data
(D0 to D7)
Data
(D0 to D7)
(Note 4)
Note 1: SRD = Status Register Data
2: WA = Write Address, WD = Write Data
3: BA = Block Address (Enter the maximum address of each block.)
4: X denotes a given address in the user ROM area .
Cycle number
1
2
1
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com