Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 87Page - Renesas Technology Corp M3885 Datasheet HTML 88Page - Renesas Technology Corp M3885 Datasheet HTML 89Page - Renesas Technology Corp M3885 Datasheet HTML 90Page - Renesas Technology Corp M3885 Datasheet HTML 91Page - Renesas Technology Corp M3885 Datasheet HTML 92Page - Renesas Technology Corp M3885 Datasheet HTML 93Page - Renesas Technology Corp M3885 Datasheet HTML 94Page - Renesas Technology Corp M3885 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
90
Table 26 Absolute maximum ratings
Power source voltages
Input voltage
P00–P07, P10–P17, P20–P27,
P30–P37, P40–P47, P50–P57,
P60–P67, P80–P87, VREF
RESET, XIN
Input voltage
P70–P77
Input voltage
CNVSS (Note 1)
Input voltage
CNVSS (Note 2)
Output voltage P00–P07, P10–P17, P20–P27,
P30–P37, P40–P47, P50–P57,
P60–P67, P80–P87, XOUT
Output voltage P70–P77
Power dissipation
Operating temperature
Storage temperature
VCC
VI
VI
VI
VI
VO
VO
Pd
Topr
Tstg
Symbol
Parameter
Conditions
Ratings
–0.3 to 4.6
–0.3 to VCC +0.3
–0.3 to 5.8
–0.3 to 6.5
–0.3 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to 5.8
500
–20 to 85
–40 to 125
V
V
V
V
V
V
V
mW
°C
°C
Unit
Ta = 25 °C
All voltages are based on VSS.
Output transistors are cut off.
Notes 1: Flash memory version
2: Mask ROM version
3.6
VCC
VCC
VCC
VCC
5.5
5.5
5.5
5.5
VCC
0.2VCC
0.8
0.3VCC
0.6
0.16VCC
Power source voltage
Power source voltage
Analog reference voltage
Analog power source voltage
A-D converter input voltage
AN0–AN7
“H” input voltage
P00–P07, P10–P17, P20–P27, P30–P37, P40–P47,
P50–P57, P60–P67, P80–P87, RESET, CNVSS
“H” input voltage
P70–P77
“H” input voltage (when TTL input level is selected)
P70–P75
“H” input voltage (when I2C-BUS input level is selected)
SDA, SCL
“H” input voltage (when SMBUS input level is selected)
SDA, SCL
“H” input voltage
XIN, XCIN
“L” input voltage
P00–P07, P10–P17, P20–P27, P30–P37, P40–P47,
P50–P57, P60–P67, P70–P77, P80–P87, RESET,
CNVSS
“L” input voltage (when TTL input level is selected)
P70–P75
“L” input voltage (when I2C-BUS input level is selected)
SDA, SCL
“L” input voltage (when SMBUS input level is selected)
SDA, SCL
“L” input voltage
XIN, XCIN
VCC
VSS
VREF
AVSS
VIA
VIH
VIH
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
VIL
Symbol
Parameter
Limits
Min.
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
Unit
Table 27 Recommended operating conditions
(VCC = 3.3 V ± 0.3V, Ta = –20 to 85 °C, unless otherwise noted)
3.0
2.0
2.7
AVSS
0.8VCC
0.8VCC
2.0
0.7VCC
1.4
0.8VCC
0
0
0
0
0
3.3
0
0
Typ.
Max.
when A-D converter is used
when D-A converter is used
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com