Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 14Page - Renesas Technology Corp M3885 Datasheet HTML 15Page - Renesas Technology Corp M3885 Datasheet HTML 16Page - Renesas Technology Corp M3885 Datasheet HTML 17Page - Renesas Technology Corp M3885 Datasheet HTML 18Page - Renesas Technology Corp M3885 Datasheet HTML 19Page - Renesas Technology Corp M3885 Datasheet HTML 20Page - Renesas Technology Corp M3885 Datasheet HTML 21Page - Renesas Technology Corp M3885 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
17
✻2. The input level can be switched between CMOS compatible input level and TTL level by the P7 input level selection bit of the port
control register 2 (PCTL2).
Reading the port P8 direction register is switched to port P7 pin input level by the P8 function selection bit of the port control register 2
(PCTL2).
✻3. The input level can be switched between CMOS compatible input level and SMBUS level by the I2C-BUS interface pin input selection
bit of the I2C control register (SID).
(18) Ports P73 to P75
Data bus
Port latch
Direction
register
Interrupt input
✻2
(19) Port P76
Data bus
Port latch
Direction
register
SDA output
SDA input
✻3
I2C-BUS interface
enable bit
(20) Port P77
I2C-BUS interface
enable bit
SCL output
SCL input
✻3
Direction
register
Port latch
Data bus
(21) Ports P80 to P83
LAD [3 : 0]
LPC enable bit
Data bus
Port latch
Direction
register
(22) Ports P84 to P86
LRESET
LCLK
LFRAME
LPC enable bit
Data bus
Port latch
Direction
register
(23) Port P87
IRQSER
SIRQ enable bit
Data bus
Port latch
Direction
register
(17) Ports P70 to P72
Data bus
Port latch
Direction
register
✻2
Fig. 12 Port block diagram (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com