Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 73Page - Renesas Technology Corp M3885 Datasheet HTML 74Page - Renesas Technology Corp M3885 Datasheet HTML 75Page - Renesas Technology Corp M3885 Datasheet HTML 76Page - Renesas Technology Corp M3885 Datasheet HTML 77Page - Renesas Technology Corp M3885 Datasheet HTML 78Page - Renesas Technology Corp M3885 Datasheet HTML 79Page - Renesas Technology Corp M3885 Datasheet HTML 80Page - Renesas Technology Corp M3885 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
76
Software Commands
Table 21 lists the software commands. By entering a software com-
mand from the data I/O pins (D0–D7) in Write mode, specify the con-
tent of the operation, such as erase or program operation, to be per-
formed.
The following explains the content of each software command.
Read Array Command (FF16)
The read array mode is entered by writing the command code “FF16”
in the first bus cycle. When an address to be read is input in one of
the bus cycles that follow, the content of the specified address is
output from the data I/O pins (D0–D7).
The read array mode is retained intact until another command is writ-
ten.
The read array mode is also selected automatically when the device
is powered on and after it exits deep power down mode.
Command
Read array
Read status register
Clear status register
Program
Block erase
Mode
Write
Write
Write
Write
Write
Address
X(Note 4)
X
X
X
X
Data
(D0 to D7)
FF16
7016
5016
4016
2016
Mode
Read
Write
Write
Address
X
WA(Note 2)
BA(Note 3)
Data
(D0 to D7)
SRD(Note 1)
WD(Note 2)
D016
First bus cycle
Second bus cycle
Notes 1: SRD = Status Register Data
2: WA = Write Address, WD = Write Data
3: BA = Block Address (Enter the maximum address of each block)
4: X denotes a given address in the user ROM area or boot ROM area.
Read Status Register Command (7016)
When the command code “7016” is written in the first bus cycle, the
content of the status register is output from the data I/O pins (D0–D7)
by a read in the second bus cycle. Since the content of the status
_____
_____
_____
_____
register is updated at the falling edge of OE or CE, the OE or CE
signal must be asserted each time the status is read. The status
register is explained in the next section.
Clear Status Register Command (5016)
This command is used to clear the bits SR4,SR5 of the status regis-
ter after they have been set. These bits indicate that operation has
ended in an error. To use this command, write the command code
“5016” in the first bus cycle.
Table 21 Software command list (parallel I/O mode)
Cycle number
1
2
1
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com