Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 78Page - Renesas Technology Corp M3885 Datasheet HTML 79Page - Renesas Technology Corp M3885 Datasheet HTML 80Page - Renesas Technology Corp M3885 Datasheet HTML 81Page - Renesas Technology Corp M3885 Datasheet HTML 82Page - Renesas Technology Corp M3885 Datasheet HTML 83Page - Renesas Technology Corp M3885 Datasheet HTML 84Page - Renesas Technology Corp M3885 Datasheet HTML 85Page - Renesas Technology Corp M3885 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
81
Fig. 77 Flash memory control registers
Fig. 78 CPU rewrite mode set/reset flowchart
Flash memory control register (address 0FFE16)
FMCR
RY/BY status flag (FMCR0)
0: Busy (being programmed or erased)
1: Ready
CPU reprogram mode select bit (FMCR1) (Note 2)
0: Normal mode (Software commands invalid)
1: CPU rewrite mode (Software commands acceptable)
CPU reprogram mode entry flag (FMCR2)
0: Normal mode
1: CPU rewrite mode
Flash memory reset bit (FMCR3) (Note 3)
0: Normal operation
1: Reset
User ROM area / Boot ROM area select bit (FMCR4) (Note 4)
0: User ROM area accessed
1: Boot ROM area accessed
Reserved bits (Indefinite at read/ “0” at write)
b0
b7
Notes1: The contents of flash memory control register are “XXX00001” just after reset release.
2: For this bit to be set to “1”, the user needs to write “0” and then “1” to it in succession. If it is not
this procedure, this bit will not be set to ”1”. Additionally, it is required to ensure that no interrupt
will be generated during that interval.
Use the control program in the area except the built-in flash memory for write to this bit.
3: This bit is valid when the CPU rewrite mode select bit is “1”. Set this bit 3 to “0” subsequently after
setting bit 3 to “1”.
4: Use the control program in the area except the built-in flash memory for write to this bit.
End
Start
Execute read array command or reset flash
memory by setting flash memory reset bit (by
writing “1” and then “0” in succession) (Note 2)
Single-chip mode, or boot mode
Set CPU mode register (Note 1)
Using software command execute erase,
program, or other operation
Jump to transferred control program in RAM
(Subsequent operations are executed by control
program in this RAM)
Transfer CPU reprogram mode
control program to internal RAM
Notes 1: Set bit 6,7 (Main clock division ratio selection bits ) at CPU mode register (003B16).
2: Before exiting the CPU reprogram mode after completing erase or program operation, always be sure to
execute a read array command or reset the flash memory.
Write “0” to CPU reprogram mode select bit
Set CPU reprogram mode select bit to “1” (by
writing “0” and then “1” in succession)(Note 3)
Check the CPU reprogram mode entry flag
*1
*1
Program in ROM
Program in RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com