Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 52Page - Renesas Technology Corp M3885 Datasheet HTML 53Page - Renesas Technology Corp M3885 Datasheet HTML 54Page - Renesas Technology Corp M3885 Datasheet HTML 55Page - Renesas Technology Corp M3885 Datasheet HTML 56Page - Renesas Technology Corp M3885 Datasheet HTML 57Page - Renesas Technology Corp M3885 Datasheet HTML 58Page - Renesas Technology Corp M3885 Datasheet HTML 59Page - Renesas Technology Corp M3885 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
55
Fig. 50 Reset timing and block
LRESET
LPC interface reset signal
CPU Data bus bit 2
LPCSR write signal
CPU RESET
φ
LPCSR bit
(LPC interface software reset signal)
LPCSR write signal
D
Q
CK
R
D
Q
CK
D
Q
CK
1.5 cycle of
φ
R
CPU RESET
R
Table 17 Reset conditions of LPC interface function
Pin name / Internal register
P80/LAD0
P81/LAD1
P82/LAD2
P83/LAD3
P84/LFRAME
P85/LRESET
P86/LCLK
Input data bus buffer registeri
Output data bus buffer registeri
Uxi flag 7, 6, 5, 4, 2
XA2i flag
IBFi flag
OBFi flag
LPCi address register
LPCCON
LRESET = “L”
Tri-state
Input
LPC bus interface function
Input
Keep same value before
LRESET goes “L”.
Initialization to “0”.
Initialization to “0”.
Initialization to “0”.
Keep same value before
LRESET goes “L”.
Note
There is possibility to generate
IBF interrupt request.
There is possibility to generate
OBE interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com