Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 83Page - Renesas Technology Corp M3885 Datasheet HTML 84Page - Renesas Technology Corp M3885 Datasheet HTML 85Page - Renesas Technology Corp M3885 Datasheet HTML 86Page - Renesas Technology Corp M3885 Datasheet HTML 87Page - Renesas Technology Corp M3885 Datasheet HTML 88Page - Renesas Technology Corp M3885 Datasheet HTML 89Page - Renesas Technology Corp M3885 Datasheet HTML 90Page - Renesas Technology Corp M3885 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
86
Functions To Inhibit Rewriting Flash Memory
To prevent the contents of the flash memory data from being read
out or rewritten easily, the device incorporates a ROM code protect
function for use in parallel I/O mode.
ROM code protect function
The ROM code protect function is the function inhibit reading out or
modifying the contents of the flash memory version by using the
ROM code protect control address (FFDB16) during parallel I/O
mode. Figure 82 shows the ROM code protect control address
(FFDB16). (This address exists in the user ROM area.)
If one of the pair of ROM code protect bits is set to “0”, ROM code
protect is turned on, so that the contents of the flash memory data
are protected against readout and reprogram. ROM code protect is
implemented in two levels. If level 2 is selected, the flash memory is
protected even against readout by a manufactures inspection test
also. When an attempt is made to select both level 1 and level 2,
level 2 is selected by default.
If both of the two ROM code protect reset bits are set to “00”, ROM
code protect is turned off, so that the contents of the flash memory
data can be read out or reprogram. Once ROM code protect is
turned on, the contents of the ROM code protect reset bits cannot
be modified in parallel I/O mode. Use CPU reprogram mode to re-
program the contents of the ROM code protect reset bits.
Fig. 82 ROM code protect control address
ROM code protect control (address FFDB16) (Note 1)
ROMCP
Reserved bits (“1” at read/write)
ROM code protect level 2 set bits (ROMCP2) (Notes 2, 3)
b3b2
0 0: Protect enabled
0 1: Protect enabled
1 0: Protect enabled
1 1: Protect disabled
ROM code protect reset bits (ROMCR) (Note 4)
b5b4
0 0: Protect removed
0 1: Protect set bits effective
1 0: Protect set bits effective
1 1: Protect set bits effective
ROM code protect level 1 set bits (ROMCP1) (Note 2)
b7b6
0 0: Protect enabled
0 1: Protect enabled
1 0: Protect enabled
1 1: Protect disabled
b0
b7
Notes 1: The contents of ROM code protect control register are “FF16” just after reset
release. This area is on the ROM in the mask ROM version.
2: When ROM code protect is turned on, the internal flash memory is protected
against readout or modification in parallel I/O mode.
3: When ROM code protect level 2 is turned on, ROM code readout by a shipment
inspection LSI tester, etc. also is inhibited.
4: The ROM code protect reset bits can be used to turn off ROM code protect level 1
and ROM code protect level 2. However, since these bits cannot be modified in
parallel I/O mode, they need to be rewritten in standard serial I/O mode or CPU
rewrite mode.
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com