Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 12Page - Renesas Technology Corp M3885 Datasheet HTML 13Page - Renesas Technology Corp M3885 Datasheet HTML 14Page - Renesas Technology Corp M3885 Datasheet HTML 15Page - Renesas Technology Corp M3885 Datasheet HTML 16Page - Renesas Technology Corp M3885 Datasheet HTML 17Page - Renesas Technology Corp M3885 Datasheet HTML 18Page - Renesas Technology Corp M3885 Datasheet HTML 19Page - Renesas Technology Corp M3885 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
15
Fig. 10 Port block diagram (1)
(1) Ports P0, P1
Data bus
Port latch
P00–P03,
P04–P07,
P10–P13,
P14–P17 output structure
selection bits
Direction
register
(2) Port P20
Data bus
Port latch
Comparator reference power source input
Comparator reference input
pin select bit
(3) Port P21–P27
Data bus
Port latch
Direction
register
(4) Ports P30, P31
Comparator input
Key-on wake-up input
P30–P33 pull-up control bit
Data bus
Port latch
PWM00 (PWM10) output
PWM0 (PWM1) output pin selection bit
PWM0(PWM1) enable bit
Direction
register
(7) Port P41
Sub-clock oscillation circuit
Port XC switch bit
Data bus
Port latch
Direction
register
Port XC switch bit
(6) Port P40
Port XC switch bit
Sub-clock oscillation circuit
Port P41
Data bus
Port latch
Direction
register
(5) Ports P32–P37
P30–P33,
P34–P37 pull-up control bit
Data bus
Port latch
Direction
register
✻1. Reading the port P8 register (address 001016) is switched to port P4 pin input level by the P8 function selection bit of the port control
register 2 (PCTL2).
(8) Ports P42 , P43
P4 output structure selection bit
Data bus
Port latch
✻1
Direction
register
Interrupt input
Comparator input
Key-on wake-up input
Direction
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com