Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 71Page - Renesas Technology Corp M3885 Datasheet HTML 72Page - Renesas Technology Corp M3885 Datasheet HTML 73Page - Renesas Technology Corp M3885 Datasheet HTML 74Page - Renesas Technology Corp M3885 Datasheet HTML 75Page - Renesas Technology Corp M3885 Datasheet HTML 76Page - Renesas Technology Corp M3885 Datasheet HTML 77Page - Renesas Technology Corp M3885 Datasheet HTML 78Page - Renesas Technology Corp M3885 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
74
Table 20 Description of Pin Function (Flash Memory Parallel I/O Mode)
Pin name
Signal name
I/O
Function
VCC,VSS
Power supply input
Apply 3.0 ± 0.3 V to the Vcc pin and 0 V to the Vss pin.
CNVSS
Power suppy input
Connect to Vpp = 5V ± 0.5V.
I
Reset input
Input “L” level.
I
RESET
I
XIN
Clock input
Connect a ceramic or crystal resonator between the XIN and XOUT pins.
When entering an externally derived clock, enter it from XIN and leave
XOUT open.
I
XOUT
Clock output
O
AVSS
Analog power supply input
VREF
Reference voltage input
I
Connect to Vss.
Connect to Vss.
P00 to P07
Data I/O D0 to D7
These are data D0–D7 input/output pins.
I/O
P10 to P17
I
These are address A8–A15 input pins.
Address input A0 to A7
This is address A0–A7 input pins.
I
P20 to P27
I
P30
Input P30
Input “H” or “L” or keep open.
Address input A8 to A15
P33
I
P34
I
WE input
RP input
This is a RP input pin.
This is a WE input pin.
I
P37
I
P36
P47
Input P47
I
CE input
OE input
This is a OE input pin.
This is a CE input pin.
P35
O
RY/BY output
This is a RY/BY output pin.
P50 to P57
Input P5
I
P40 to P45
Input P40 to P45
I
I
I
P31
BSEL input
This is a BSEL input pin.
I
P32
Input P32
Input “H” or “L” or keep open.
P46
Flash mode Input
Connect “L” for Pallarel I/O mode.
I
Input “H” or “L” or keep open.
P60 to P67
Input P6
I
P70 to P77
Input P7
I
P80 to P87
Input P8
I
Input “H” or “L” or keep open.
Input “H” or “L” or keep open.
Input “H” or “L” or keep open.
Input “H” or “L” or keep open.
Input “H” or “L” or keep open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com