Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 21Page - Renesas Technology Corp M3885 Datasheet HTML 22Page - Renesas Technology Corp M3885 Datasheet HTML 23Page - Renesas Technology Corp M3885 Datasheet HTML 24Page - Renesas Technology Corp M3885 Datasheet HTML 25Page - Renesas Technology Corp M3885 Datasheet HTML 26Page - Renesas Technology Corp M3885 Datasheet HTML 27Page - Renesas Technology Corp M3885 Datasheet HTML 28Page - Renesas Technology Corp M3885 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
24
Fig. 18 Connection example when using key input interrupt and port P3 block diagram
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
✻
✻✻
Port P30
latch
Port P30
direction register = “0”
Port P31
latch
Port P31
direction register = “0”
Port P32
latch
Port P32
direction register = “0”
Port P33
latch
Port P33
direction register = “0”
Port P34
latch
Port P34
direction register = “1”
Port P35
latch
Port P35
direction register = “1”
Port P36
latch
Port P36
direction register = “1”
Port P37
latch
Port P37
direction register = “1”
P30 input
P31 input
P32 input
P33 input
P34 output
P35 output
P36 output
P37 output
Port control register 1
Bit 5 = “0”
Port P3 input circuit
Comparator circuit
Port PXx
“L” level output
✻ P-channel transistor for pull-up
✻✻ CMOS output buffer
Key input interrupt request
Port control register 1
Bit 4 = “1”
Key Input Interrupt (Key-on Wake Up)
A Key input interrupt request is generated by applying “L” level to
any pin of port P3 that have been set to input mode. In other
words, it is generated when the logical AND of all port P3 input
goes from “1” to “0”. An example of using a key input interrupt is
shown in Figure 18, where an interrupt request is generated by
pressing one of the keys consisted as an active-low key matrix
which inputs to ports P30–P33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com