Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 27Page - Renesas Technology Corp M3885 Datasheet HTML 28Page - Renesas Technology Corp M3885 Datasheet HTML 29Page - Renesas Technology Corp M3885 Datasheet HTML 30Page - Renesas Technology Corp M3885 Datasheet HTML 31Page - Renesas Technology Corp M3885 Datasheet HTML 32Page - Renesas Technology Corp M3885 Datasheet HTML 33Page - Renesas Technology Corp M3885 Datasheet HTML 34Page - Renesas Technology Corp M3885 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 103 page
background image
30
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Fig. 25 14-bit PWM timing (PWM0)
6A6A6A6A6A
6B6A6A6A6A6A6A6A6A
6B6B6B6B6B6B6B
6B6B
6B6B6B6B
5
5
5
5
5
5
5
5
5
5
5
5
5
5
6A
6A
6B
6B
6B
6A
6B
6B
6B
6A
6B
6B
6B
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
4
3
4
4
3
4
4
3
4
6B
6A
69
68
67
02
01
6A
69
68
67
02
01
02
01
00
FF
FE
FD
97
96
95
02
01
00
FC
FF
FE
FD
97
96
95
FC
ADD
ADD
165316
1A9316
1AA416
1AA416
1EE416
1EF516
T = 4096
µs
t = 64
µs
When bit 7 of PWM0L is 0, transfer
from register to latch is disabled.
1316
A416
2416
3516
7B16
6A16
5916
Data 2416 stored at address 003116
Data 6A16 stored at address 003016
Data 7B16 stored at address 003016
Data 3516 stored at address 003116
Transfer from register to latch
Transfer from register to latch
Bit 7 cleared after transfer
6B16 ·············· 36 times
6A16 ············· 28 times
(107)
(106)
6B16 ·············· 24 times
6A16 ······· 40 times
t = 64
µs
(256 ✕ 0.25
µs)
Minimum resolution bit width
τ = 0.25 µs
H duration length specified by PWM0H
256
τ (64 µs), fixed
The ADD
portions with
additional
τ are
determined by
PWML.
PWM0H
register
PWM0L
register
PWM0 latch
(14bits)
Example 1
PWM0 output
H
L
6A16, 2416
Example 2
PWM0 output
low-order
6-bit output:
H
L
6A16, 1816
PWM output
8-bit
counter
106 ✕ 64 + 24
1
2
B516
106 ✕ 64 + 36
2
·······
·······
·······
·······
·······
·······
(64 ✕ 64
µs)
low-order
6-bit output:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com