Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 10Page - Renesas Technology Corp M3885 Datasheet HTML 11Page - Renesas Technology Corp M3885 Datasheet HTML 12Page - Renesas Technology Corp M3885 Datasheet HTML 13Page - Renesas Technology Corp M3885 Datasheet HTML 14Page - Renesas Technology Corp M3885 Datasheet HTML 15Page - Renesas Technology Corp M3885 Datasheet HTML 16Page - Renesas Technology Corp M3885 Datasheet HTML 17Page - Renesas Technology Corp M3885 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
13
Pin
Name
Input/Output
I/O Structure
Non-Port Function
Ref.No.
Table 6 I/O port function (1)
Related SFRs
I/O PORTS
All I/O pins are programmable as input or output. All I/O ports
have direction registers which specify the data direction of each
pin like input/output. One bit in a direction register corresponds to
one pin. Each pin can be set to be input or output port.
Writing “0” to the bit corresponding to the pin, that pin becomes an
input mode. Writing “1” to the bit, that pin becomes an output
mode.
When the data is read from the bit of the port register correspond-
ing to the pin which is set to output, the value shows the port latch
data, not the input level of the pin. When a pin set to input, the pin
comes floating. In input port mode, writing the port register
changes only the data of the port latch and the pin remains high
impedance state.
When the P8 function selection bit of the port control register 2 is
set to “1”, reading from address 001016 reads the port P4 register,
and reading from address 001116 reads the port P7 register.
Especially, the input level of P42 to P46 pins and P70 to P75 pins
can be read regardless of the data of the direction registers in this
case.
P00-P07
P10–P17
P20/CMPREF
Port P0
Port P1
CMOS compatible
input level
CMOS 3-state output
or N-channel open-
drain output
Analog comparator
power source input pin
Port control register 1
(1)
(2)
Port control register 1
Port control register 2
P21–P27
P30/PWM00
P31/PWM10
Port P2
CMOS compatible
input level
CMOS 3-state output
(3)
(4)
(5)
Port control register 1
AD/DA control register
PWM output
Key-on wake up input
Comparator input
P32–P37
Port P3
(6)
Key-on wake up input
Comparator input
Port control register 1
P40/XCOUT
P41/XCIN
P42/INT0
P43/INT1
P44/RXD
Input/output,
individual bits
(7)
(8)
(9)
(10)
(11)
Sub-clock generating
circuit
CPU mode register
External interrupt input
Interrupt edge selection
register
Port control register 2
Serial I/O control register
Port control register 2
Serial I/O function input
P45/TXD
Port P4
CMOS compatible
input level
CMOS 3-state output
or N-channel open-
drain output
(12)
Serial I/O control register
UART control register
Port control register 2
Serial I/O function output
P46/SCLK
(13)
Serial I/O control register
Port control register 2
Serial I/O function I/O
P47/SRDY
/CLKRUN
Serial I/O control register
Serialized IRQ control
register
Serial I/O function output
Serialized IRQ function
output
(14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com