Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 56Page - Renesas Technology Corp M3885 Datasheet HTML 57Page - Renesas Technology Corp M3885 Datasheet HTML 58Page - Renesas Technology Corp M3885 Datasheet HTML 59Page - Renesas Technology Corp M3885 Datasheet HTML 60Page - Renesas Technology Corp M3885 Datasheet HTML 61Page - Renesas Technology Corp M3885 Datasheet HTML 62Page - Renesas Technology Corp M3885 Datasheet HTML 63Page - Renesas Technology Corp M3885 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
59
Fig. 53 Structure of serialized IRQ request register
[Serialized IRQ request register (SERIRQ)] 001F16
The interrupt source is definable by this register.
Bit 0 : Software IRQ1 request bit (IR1)
SERIRQ line shows IR1 value at the sample phase of IRQ1 frame,
when the SCH0EN is “1”.
Bit 1 : Software IRQ12 request bit (IR12)
SERIRQ line shows IR12 value at the sample phase of IRQ12
frame, when the SCH0EN is “1”.
Bits 2-6 : IRQx frame select bits (ISi, i = 0–4)
These bits select the active IRQ frame of serial IRQ channel 1.
When these bit are “000002”, the serial IRQ channel 1 is disabled.
Bit 7 : Software IRQx request bit (IRx)
SERIRQ line shows IRx value at the sample phase of IRQx frame
which is selected by bits 2 to 6 of SERIRQ. Output level is select-
able by the IRQx output polarity bit (SCH1POL).
Serialized IRQ request register
When reset
000000002
Bit nameFunction
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
IRQx frame select bit
Software IRQx
request bit
0: No IRQx request
1: IRQx request
b6b5b4b3b2
0 0 0 0 0 : Disable serial IRQ channel 1
0 0 0 0 1 : IRQ1 Frame
0 0 0 1 0 : IRQ2 Frame
0 0 0 1 1 : IRQ3 Frame
0 0 1 0 0 : IRQ4 Frame
0 0 1 0 1 : IRQ5 Frame
0 0 1 1 0 : IRQ6 Frame
0 0 1 1 1 : IRQ7 Frame
0 1 0 0 0 : IRQ8 Frame
0 1 0 0 1 : IRQ9 Frame
0 1 0 1 0 : IRQ10 Frame
0 1 0 1 1 : IRQ11 Frame
0 1 1 0 0 : IRQ12 Frame
0 1 1 0 1 : IRQ13 Frame
0 1 1 1 0 : IRQ14 Frame
0 1 1 1 1 : IRQ15 Frame
1 0 0 0 0 : Do not select
1 0 0 0 1 : Do not select
1 0 0 1 0 : Do not select
1 0 0 1 1 : Do not select
1 0 1 0 0 : Do not select
1 0 1 0 1 : Extend Frame 0
1 0 1 1 0 : Extend Frame 1
1 0 1 1 1 : Extend Frame 2
1 1 0 0 0 : Extend Frame 3
1 1 0 0 1 : Extend Frame 4
1 1 0 1 0 : Extend Frame 5
1 1 0 1 1 : Extend Frame 6
1 1 1 0 0 : Extend Frame 7
1 1 1 0 1 : Extend Frame 8
1 1 1 1 0 : Extend Frame 9
1 1 1 1 1 : Extend Frame 10
0: No IRQ1 request
1: IRQ1 request
0: No IRQ12 request
1: IRQ12 request
Software IRQ1
request bit
Software IRQ12
request bit
IR1
IR12
IS0
IS1
IS2
IS3
IS4
IRx
Symbol
SERIRQ
Address
001F16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com