Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 75Page - Renesas Technology Corp M3885 Datasheet HTML 76Page - Renesas Technology Corp M3885 Datasheet HTML 77Page - Renesas Technology Corp M3885 Datasheet HTML 78Page - Renesas Technology Corp M3885 Datasheet HTML 79Page - Renesas Technology Corp M3885 Datasheet HTML 80Page - Renesas Technology Corp M3885 Datasheet HTML 81Page - Renesas Technology Corp M3885 Datasheet HTML 82Page - Renesas Technology Corp M3885 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
78
Status Register
The status register indicates status such as whether an erase opera-
tion or a program ended successfully or in error. It can be read under
the following conditions.
(1) In the read array mode when the read status register command
(7016) is written and the block address is subsequently read.
(2) In the period from when the program write or auto erase starts to
when the read array command (FF16)
The status register is cleared in the following situations.
(1) By writing the clear status register command (5016)
(2) In the deep power down mode
(3) In the power supply off state
Table 22 gives the definition of each status register bit. When power
is turned on or returning from the deep power down mode, the status
register outputs “8016”.
Sequencer status (SR7)
The sequencer status indicates the operating status of the flash
memory. When power is turned on or returning from the deep power
down mode, “1” is set for it. This bit is “0” (busy) during the write or
erase operations and becomes “1” when these operations ends.
Erase Status (SR5)
The erase status reports the operating status of the erase operation.
If an erase error occurs, it is set to “1”. When the erase status is
cleared, it is set to “0”.
Program Status (SR4)
The program status reports the operating status of the write opera-
tion. If a write error occurs, it is set to “1”. When the program status is
cleared, it is set to “0”.
If “1” is written for any of the SR5, SR4 bits, the program erase all
blocks, block erase, commands are not accepted. Before executing
these commands, execute the clear status register command (5016)
and clear the status register.
Also, any commands are not correct, both SR5 and SR4 are set to
“1”.
Full Status Check
Results from executed erase and program operations can be known
by running a full status check. Figure 76 shows a flowchart of the full
status check and explains how to remedy errors which occur.
____
Ready/Busy (RY/BY) pin
____
The RY/BY pin is an output pin (N-chanel open drain output) which,
like the sequencer status (SR7), indicates the operating status of the
flash memory. It is “L” level during auto program or auto erase opera-
tions and becomes to the high impedance state (ready state) when
____
these operations end. The RY/BY pin requires an external pull-up.
Table 22 Status register
Each bit of
SRD0 bits
SR7 (D7)
SR6 (D6)
SR5 (D5)
SR4 (D4)
SR3 (D3)
SR2 (D2)
SR1 (D1)
SR0 (D0)
Definition
“1”
“0”
Sequencer status
Reserved
Erase status
Program status
Reserved
Reserved
Reserved
Reserved
Ready
-
Ended in error
Ended in error
-
-
-
-
Status name
Busy
-
Ended successfully
Ended successfully
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com